Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5228-DS04-R Fiches technique(PDF) 48 Page - Broadcom Corporation.

No de pièce 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Fiches technique(HTML) 48 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 44Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 45Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 46Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 47Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 52Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 36
MII Management Interface: Register Programming
Document
5228-DS09-405-R
At least one or more idle states are required between frames. The following shows two examples of MII write and read
instructions.
•
To put a transceiver with PHY address 00001 into Loopback mode, the following MII write instruction must be issued:
1111 1111 1111 1111 1111 1111 1111 1111
0101 00001 00000 10 0100 0000 0000 0000 1...
•
To determine if a PHY is in the link pass state, the following MII read instruction must be issued:
1111 1111 1111 1111 1111 1111 1111 1111
0110 00001 00001 ZZ ZZZZ ZZZZ ZZZZ ZZZZ 1...
For the MII read operation, the BCM5228 drives the MDIO line during the TA and Data fields (the last 17 bit times). A final
65th clock pulse must be sent to close the transaction and cause a write operation to take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100