| Moteur de recherche de fiches techniques de composants électroniques |
|
5228-DS04-R Fiches technique(PDF) 35 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS04-R Fiches technique(HTML) 35 Page - Broadcom Corporation. |
|
35 / 100 page ![]() Data Sheet BCM5228 7/12/04 Broa d c om Co rp o r a t i o n Document 5228-DS09-405-R Pinout Diagrams Page 23 RD-{3} B08 RXER{4} C01 TD–{7} R09 RD-{4} B07 RXER{5} N03 TD–{8} R12 RD-{5} R06 RXER{6} M01 TD+{1} A13 RD-{6} R07 RXER{7} M02 TD+{2} A10 RD-{7} R10 RXER{8} L01 TD+{3} A09 RD-{8} R11 SD-{1} E12 TD+{4} A06 RD+{1} A12 SD-{2} E11 TD+{5} T05 RD+{2} A11 SD-{3} E08 TD+{6} T08 RD+{3} A08 SD-{4} D07 TD+{7} T09 RD+{4} A07 SD-{5} M09 TD+{8} T12 RD+{5} T06 SD-{6} M10 TDI L02 RD+{6} T07 SD-{7} M11 TDO K04 RD+{7} T10 SD-{8} M12 TESTEN F04 RD+{8} T11 SD+{1} D12 TGND F08 RDAC A15 SD+{2} D11 TGND F09 REF_CLK T15 SD+{3} D08 TGND F10 RESET# C16 SD+{4} E07 TGND F11 RXD0{1} D15 SD+{5} N09 TGND G07 RXD0{2} E15 SD+{6} N10 TGND G08 RXD0{3} F13 SD+{7} N11 TGND G09 RXD0{4} G14 SD+{8} N12 TGND G10 RXD0{5} H13 SERIAL_EN G03 TGND G11 RXD0{6} J14 SLED_DO/INTR# K02 TGND H06 RXD0{7} K13 SMII_RSYNC P16 TGND H07 RXD0{8} L14 SMII_RXC R16 TGND H08 RXD1{1} D14 SMII_TXC T16 TGND H09 RXD1{2} E14 SMII_EN/SLED_CLK H01 TGND H10 RXD1{3} F12 SSMII_EN R15 TGND J06 RXD1{4} G12 SSYNC P15 TGND J07 RXD1{5} H12 TCK L05 TGND J08 RXD1{6} J12 TD-{1} B13 TGND J09 RXD1{7} K12 TD-{2} B10 TGND J10 RXD1{8} L12 TD-{3} B09 TGND J11 RXER{1} D02 TD-{4} B06 TGND K06 RXER{2} D01 TD-{5} R05 TGND K07 RXER{3} C02 TD-{6} R08 TGND K08 Table 3: BGA Ballout by Signal Name (Cont.) Signal Name Ball Signal Name Ball Signal Name Ball |