| Moteur de recherche de fiches techniques de composants électroniques |
|
5220-DS02-R Fiches technique(PDF) 78 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS02-R Fiches technique(HTML) 78 Page - Broadcom Corporation. |
|
78 / 90 page ![]() BCM5220 Preliminary Data Sheet 04/20/04 Broa d c om Co rp o r a t i o n Page 66 Auxiliary Status 4 Register (Shadow Register) Document 5220-DS04-405-R Figure 12: 10BASE-T Serial Transmit Timing Table 45 provides the parameters for 10BASE-T serial receive timing. Figure 13 illustrates 10BASE-T serial receive start of timing packet. Table 45: 10BASE-T Serial Receive Timing Parameter Symbol Min Typ Max Unit RXC to RXD0 Output Delay RXD_DELAY 5 ns CRS Assert after RD ± RX_CRS_DV 220 ns CRS Deassert after RD ±, valid EOP RX_NOT_CRS 270 ns TXC_LOW TXC_HIGH TXC_RISE TXC_FALL TXC TXEN TXEN_SETUP TXEN_HOLD TXEN_QUIET TXEN_TXDATA TXEN_SETUP TXEN_HOLD TD+/- |