| Moteur de recherche de fiches techniques de composants électroniques |
|
5220-DS02-R Fiches technique(PDF) 62 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS02-R Fiches technique(HTML) 62 Page - Broadcom Corporation. |
|
62 / 90 page ![]() BCM5220 Preliminary Data Sheet 04/20/04 Broa d c om Co rp o r a t i o n Page 50 Auxiliary Mode Register Document 5220-DS04-405-R When bit 2 of the Auxiliary Control register is 0, the speed of the chip is 10BASE-T. In all other cases, either the speed is not forced (auto-negotiation is enabled), or the speed is forced to 100BASE-X. Speed Indication This read-only bit shows the true current operation speed of the BCM5220. A 1 bit indicates 100BASE-X operation, while a 0 indicates 10BASE-T. While the auto-negotiation exchange is performed, the BCM5220 is always operating at 10BASE-T speed. Full-Duplex Indication This read-only bit returns a 1 when the BCM5220 is in full-duplex mode. In all other modes, it returns a 0. AUXILIARY MODE REGISTER Table 28 shows the bit descriptions for the Auxiliary Mode register. Activity LED Disable When set to 1, disables the XMTLED# and RCVLED# output pins. When 0, XMTLED# and RCVLED# output pins are enabled. Link LED Disable When set to 1, disables the Link LED output pin. When 0, Link LED output is enabled. Table 28: Auxiliary Mode Register (Address 29d, 1Dh) Bit Name R/W Description Default 15:13 Reserveda RO Ignore when read 12 Alternative Link LED Mode R/W 1 = LNKLED# indicates link at 100Base-TX, SPDLED# indicates link at 10BASE-T. 0 = Normal operation for LNKLED# and SPDLED#. 0 11:5 Reserveda RO Ignore when read 0 4 Activity LED Disable R/W 1 = Disable XMT/RCV activity LED outputs 0 = Enable XMT/RCV activity LED outputs 0 3 Link LED Disable R/W 1 = Disable link LED output 0 = Enable link LED output 0 2 Reserveda RO Ignore when read 1 Block TXEN Mode R/W 1 = Enable block TXEN mode 0 = Disable block TXEN mode 0 0 Reserveda a. Preserve existing values of reserved bits by completing a “Read/Modify Write.” RO Ignore when read 0 |