| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F525LLCPMC Fiches technique(PDF) 16 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LLCPMC Fiches technique(HTML) 16 Page - Cypress Semiconductor |
|
16 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 16 of 280 MB91520 Series MB91F52xK MB91F522K, MB91F523K, MB91F524K, MB91F525K, MB91F526K (TOP VIEW) VSS 1 108 VSS P015/D29/TRG0_0 2 107 P123/OCU9_0 P016/D30/TRG1_0 3 106 P122/SIN6_0/AN31/OCU8_0/INT9_1 P017/D31/TRG2_0 4 105 P121/OCU7_0/PPG23_0 P020/ASX/SIN3_1/TRG3_0/TIN0_2/RTO5_1 5 104 P120/AN30/OCU6_0/PPG22_0/INT9_0 P021/CS0X/SOT3_1/TRG6_1/TRG4_0 6 103 P117/SCS60_0/AN29/PPG21_0/RTO5_0 P022/CS1X/SCK3_1/TRG7_1/TRG5_0 7 102 P116/SCK6_0/SCL6/AN28/PPG20_0/RTO4_0 P023/RDX/SCS3_1/PPG32_0/TIN0_0 8 101 P115/RX1_1/SOT6_0/SDA6/AN27/PPG19_0/RTO3_0/INT1_1 P024/WR0X/SIN4_1/PPG24_0/TIN1_0/RTO4_1/INT15_0 9 100 P114/SCS61_0/AN26/PPG18_0/RTO2_0 P025/WR1X/SOT4_1/PPG25_0/TIN2_0 10 99 P113/AN25/PPG17_0/RTO1_0 P026/A00/SCK4_1/PPG26_0/TIN3_0 11 98 P112/AN24/PPG16_0/RTO0_0 P027/A01/SCS40_1/PPG27_0/TOT0_0/RTO3_1 12 97 P111/RX1(64)/SCS62_0/AN23/INT1_0 P030/A02/SCS41_1/PPG28_0/TOT1_0 13 96 P110/TX1(64)/SCS63_0/AN22 P031/A03/SCS42_1/PPG29_0/TOT2_0 14 95 NMIX P032/A04/SCS43_1/PPG30_0/TOT3_0/RTO2_1 15 94 P155/AN21 P033/A05/PPG31_0/ICU3_3/TIN4_0/RTO1_1/SCK3_2 16 93 P154/AN20 P034/A06/OCU11_1/ICU2_3/TIN5_0/RTO0_1/SOT3_2 17 92 P107/AN19/PPG15_0 P150/SOT8_0/SDA8/OCU10_1/TRG6_0/ICU1_3/TIN6_0 18 91 P106/SCS70_0/AN18/PPG14_0 P151/SCK8_0/SCL8/OCU9_1/TRG7_0/ICU0_3/TIN7_0/ZIN0_2/DTTI_1 19 90 P105/SCS71_0/AN17/PPG13_0 P035/A07/SIN8_0/OCU8_1/TOT4_0/AIN0_0/INT11_0 20 89 P104/SCS72_0/AN16/PPG12_0 P036/A08/SCS8_0/OCU7_1/TOT5_0/BIN0_0 21 88 P103/SCS73_0/AN15/PPG11_0 P037/A09/OCU6_1/TOT6_0/ZIN0_0 22 87 P102/SIN7_0/AN14/PPG10_0/INT10_0 P040/A10/PPG23_1/TOT7_0/AIN1_0/SIN0_1 23 86 P101/SOT7_0/SDA7/AN13/PPG9_0 P041/A11/SIN9_0/ICU9_1/BIN1_0/INT12_0 24 85 P100/SCK7_0/SCL7/AN12/PPG8_0 P042/A12/SOT9_0/AN47/ICU8_1/TRG0_1/ZIN1_0 25 84 AVCC0 P043/A13/ICU7_1/TRG1_1 26 83 AVRH0 P044/A14/SCS9_0/ICU6_1/TRG2_1 27 82 AVSS0/AVRL0 P045/A15/SCK9_0/AN46/ICU5_1/TRG3_1/TOT1_2 28 81 P097/SCK11_0/SCL11/AN11/ICU5_0/PPG17_1 P046/A16/ICU4_1/TRG4_1 29 80 P096/RX0(128)/SOT11_0/SDA11/AN10/INT0_0 P047/A17/AN45/TRG8_0/TIN3_2/SOT0_1 30 79 P095/TX0(128)/SCS11_0/AN9 P050/A18/TRG5_1/PPG33_0 31 78 P094/AN8/ICU4_0/TOT3_1 P051/A19/TRG9_0 32 77 P093/TX0_1/SIN11_0/AN7/ICU4_2/PPG16_1/ICU3_0/TOT2_1 P052/A20/PPG34_0/INT14_0 33 76 P092/AN6/PPG40_1/ICU2_0/TOT0_1 P053/A21/AN44/PPG35_0/INT14_1/SCK0_1 34 75 P091/AN5/PPG41_1/ICU1_0/TIN3_1 P054/SYSCLK/PPG36_0 35 74 P090/AN4/ICU0_0/TIN2_1 VCC 36 73 VSS ● TOP VIEW MB91F522K, MB91F523K, MB91F524K, MB91F525K, MB91F526K LQFP-144 * In a single clock product, pin 121 and pin 122 are the general-purpose ports. LQS144/LQN144 |