| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F525LLCPMC Fiches technique(PDF) 15 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LLCPMC Fiches technique(HTML) 15 Page - Cypress Semiconductor |
|
15 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 15 of 280 MB91520 Series MB91F52xJ MB91F522J, MB91F523J, MB91F524J, MB91F525J, MB91F526J (TOP VIEW) VSS 1 90 VSS P020/SIN3_1/TRG3_0/TIN0_2/RTO5_1 2 89 P122/SIN6_0/AN31/OCU8_0/INT9_1 P021/SOT3_1/TRG6_1/TRG4_0 3 88 P120/AN30/OCU6_0/PPG22_0/INT9_0 P022/SCK3_1/TRG7_1/TRG5_0 4 87 P117/SCS60_0/AN29/PPG21_0/RTO5_0 P023/SCS3_1/PPG32_0/TIN0_0 5 86 P116/SCK6_0/SCL6/AN28/PPG20_0/RTO4_0 P024/SIN4_1/PPG24_0/TIN1_0/RTO4_1/INT15_0 6 85 P115/RX1_1/SOT6_0/SDA6/AN27/PPG19_0/RTO3_0/INT1_1 P025/SOT4_1/PPG25_0/TIN2_0 7 84 P114/SCS61_0/AN26/PPG18_0/RTO2_0 P026/SCK4_1/PPG26_0/TIN3_0 8 83 P113/AN25/PPG17_0/RTO1_0 P027/SCS40_1/PPG27_0/TOT0_0/RTO3_1 9 82 P112/AN24/PPG16_0/RTO0_0 P030/SCS41_1/PPG28_0/TOT1_0 10 81 P111/RX1(64)/SCS62_0/AN23/INT1_0 P031/SCS42_1/PPG29_0/TOT2_0 11 80 P110/TX1(64)/SCS63_0/AN22 P032/SCS43_1/PPG30_0/TOT3_0/RTO2_1 12 79 NMIX P033/PPG31_0/ICU3_3/TIN4_0/RTO1_1/SCK3_2 13 78 P155/AN21 P034/OCU11_1/ICU2_3/TIN5_0/RTO0_1/SOT3_2 14 77 P154/AN20 P150/SOT8_0/SDA8/OCU10_1/TRG6_0/ICU1_3/TIN6_0 15 76 P107/AN19/PPG15_0 P151/SCK8_0/SCL8/OCU9_1/TRG7_0/ICU0_3/TIN7_0/ZIN0_2/DTTI_1 16 75 P106/SCS70_0/AN18/PPG14_0 P035/SIN8_0/OCU8_1/TOT4_0/AIN0_0/INT11_0 17 74 P105/SCS71_0/AN17/PPG13_0 P036/SCS8_0/OCU7_1/TOT5_0/BIN0_0 18 73 P104/SCS72_0/AN16/PPG12_0 P037/OCU6_1/TOT6_0/ZIN0_0 19 72 P103/SCS73_0/AN15/PPG11_0 P040/PPG23_1/TOT7_0/AIN1_0/SIN0_1 20 71 P102/SIN7_0/AN14/PPG10_0/INT10_0 P041/SIN9_0/ICU9_1/BIN1_0/INT12_0 21 70 P101/SOT7_0/SDA7/AN13/PPG9_0 P042/SOT9_0/AN47/ICU8_1/TRG0_1/ZIN1_0 22 69 P100/SCK7_0/SCL7/AN12/PPG8_0 P043/ICU7_1/TRG1_1 23 68 AVCC0 P044/SCS9_0/ICU6_1/TRG2_1 24 67 AVRH0 P045/SCK9_0/AN46/ICU5_1/TRG3_1/TOT1_2 25 66 AVSS0/AVRL0 P046/ICU4_1/TRG4_1 26 65 P097/SCK11_0/SCL11/AN11/ICU5_0/PPG17_1 P047/AN45/TRG8_0/TIN3_2/SOT0_1 27 64 P096/RX0(128)/SOT11_0/SDA11/AN10/INT0_0 P050/TRG5_1/PPG33_0 28 63 P095/TX0(128)/SCS11_0/AN9 P053/AN44/PPG35_0/INT14_1/SCK0_1 29 62 P093/TX0_1/SIN11_0/AN7/ICU4_2/PPG16_1/ICU3_0/TOT2_1 VCC 30 61 VSS ● TOP VIEW MB91F522J, MB91F523J, MB91F524J, MB91F525J, MB91F526J LQFP-120 * In a single clock product, pin 102 and pin 103 are the general-purpose ports. LQM120 |