Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYUSB302X Fiches technique(PDF) 13 Page - Cypress Semiconductor

No de pièce CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Fiches technique(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB302X Datasheet HTML 9Page - Cypress Semiconductor CYUSB302X Datasheet HTML 10Page - Cypress Semiconductor CYUSB302X Datasheet HTML 11Page - Cypress Semiconductor CYUSB302X Datasheet HTML 12Page - Cypress Semiconductor CYUSB302X Datasheet HTML 13Page - Cypress Semiconductor CYUSB302X Datasheet HTML 14Page - Cypress Semiconductor CYUSB302X Datasheet HTML 15Page - Cypress Semiconductor CYUSB302X Datasheet HTML 16Page - Cypress Semiconductor CYUSB302X Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 13 of 34
CYUSB302x
H10
VI02
I/O
GPIO[41]
S0_CMD
S0_CMD
GPIO
H9
VI02
I/O
GPIO[42]
S0_CLK
S0_CLK
GPIO
G11
VI02
I/O
GPIO[43]
S0_WP
S0_WP
GPIO
G10
VI02
I/O
GPIO[44]
S0S1_INS
S0S1_INS
GPIO
G9
VI02
I/O
GPIO[45]
MMC0_RST_OUT
GPIO
GPIO
S1-Port
8b MMC
SD+UART
SD+SPI
SD+GPIO
GPIO
GPIO+UART
+I2S
SD+I2S
UART+SPI+I
2S
F11
VI03
I/O
GPIO[46]
S1_SD0
S1_SD0
S1_SD0
S1_SD0
GPIO
GPIO
S1_SD0
UART_RTS
F10
VI03
I/O
GPIO[47]
S1_SD1
S1_SD1
S1_SD1
S1_SD1
GPIO
GPIO
S1_SD1
UART_CTS
E11
VI03
I/O
GPIO[48]
S1_SD2
S1_SD2
S1_SD2
S1_SD2
GPIO
GPIO
S1_SD2
UART_TX
D12
VI03
I/O
GPIO[49]
S1_SD3
S1_SD3
S1_SD3
S1_SD3
GPIO
GPIO
S1_SD3
UART_RX
D11
VI03
I/O
GPIO[50]
S1_CMD
S1_CMD
S1_CMD
S1_CMD
GPIO
I2S_CLK
S1_CMD
I2S_CLK
E10
VI03
I/O
GPIO[51]
S1_CLK
S1_CLK
S1_CLK
S1_CLK
GPIO
I2S_SD
S1_CLK
I2S_SD
E9
VI03
I/O
GPIO[52]
S1_WP
S1_WP
S1_WP
S1_WP
GPIO
I2S_WS
S1_WP
I2S_WS
D10
VI04
I/O
GPIO[53]
S1_SD4
UART_RTS
SPI_SCK
GPIO
GPIO
UART_RTS
GPIO
SPI_SCK
D9
VI04
I/O
GPIO[54]
S1_SD5
UART_CTS
SPI_SSN
GPIO
GPIO
UART_CTS
I2S_CLK
SPI_SSN
B12
VI04
I/O
GPIO[55]
S1_SD6
UART_TX
SPI_MISO
GPIO
GPIO
UART_TX
I2S_SD
SPI_MISO
C12
VI04
I/O
GPIO[56]
S1_SD7
UART_RX
SPI_MOSI
GPIO
GPIO
UART_RX
I2S_WS
SPI_MOSI
E12
VI04
I/O
GPIO[57]
MMC1_RST
_OUT
GPIO
GPIO
GPIO
GPIO
I2S_MCLK
I2S_MCLK
I2S_MCLK
U-Port
C3
VBUS/VBATT
I
OTG_ID
USB OTG Identification
A10
U3RXVDDQ
I
SSRXM
USB 3.0 SuperSpeed Receive Minus
B10
U3RXVDDQ
I
SSRXP
USB 3.0 SuperSpeed Receive Plus
A8
U3TXVDDQ
O
SSTXM
USB 3.0 SuperSpeed Transmit Minus
B8
U3TXVDDQ
O
SSTXP
USB 3.0 SuperSpeed Transmit Plus
A4
VBUS/VBATT
I/O
DP
USB (HS/FS) Data Plus
A2
VBUS/VBATT
I/O
DM
USB (HS/FS) Data Minus
B4
VBUS/VBATT
I/O
SWDP
USB (HS/FS) Switch Interface Data Plus
B2
VBUS/VBATT
I/O
SWDM
USB (HS/FS) Switch Interface Data Minus
Crystal/Clocks
A7
CVDDQ
I
FSLC[0]
Frequency Select 0
B6
AVDD
I/O
XTALIN
Crystal Oscillator Input
B5
AVDD
I/O
XTALOUT
Crystal Oscillator Output
F9
CVDDQ
I
FSLC[1]
Frequency Select 1
B7
CVDDQ
I
FSLC[2]
Frequency Select 2
C5
CVDDQ
I
CLKIN
External Clock Input
C6
CVDDQ
I
CLKIN_32
32.76-kHz Clock Input for Watchdog Timer
Other
D6
I2C_VDDQ
I/O
I2C_GPIO[58]
SCL (Serial Clock) for I2C Bus Interface
D2
I2C_VDDQ
I/O
I2C_GPIO[59]
SDA (Serial Data) for I2C Bus Interface
F8
I2C_VDDQ
I
TDI
TDI (Test Data In) for JTAG Interface
C2
I2C_VDDQ
O
TDO
TDO (Test Data Out) for JTAG Interface
C1
I2C_VDDQ
O
TRST#
TRST (Test Reset) for JTAG Interface
D5
I2C_VDDQ
O
TMS
TMS (Test Mode Select) for JTAG Interface
D3
I2C_VDDQ
O
TCK
TCK (Test Clock) for JTAG Interface
E8
I2C_VDDQ
O
O[60]
Charger Detect Output
Power
Table 8. Pin List (continued)
Pin
Power
Domain
I/O
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34