| Moteur de recherche de fiches techniques de composants électroniques |
|
CYUSB302X Fiches technique(PDF) 9 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB302X Fiches technique(HTML) 9 Page - Cypress Semiconductor |
|
9 / 34 page ![]() Document Number: 001-55190 Rev. *L Page 9 of 34 CYUSB302x G3 VI02 I/O GPIO[43] S0_WP S0_WP GPIO F3 VI02 I/O GPIO[44] S0S1_INS S0S1_INS GPIO F2 VI02 I/O GPIO[45] MMC0_RST_OUT GPIO GPIO 8b MMC SD+UART SD+SPI SD+GPIO GPIO GPIO+ UART+I2S SD+I2S UART+ SPI+I2S F5 VI03 I/O GPIO[46] S1_SD0 S1_SD0 S1_SD0 S1_SD0 GPIO GPIO S1_SD0 UART_RTS E1 VI03 I/O GPIO[47] S1_SD1 S1_SD1 S1_SD1 S1_SD1 GPIO GPIO S1_SD1 UART_CTS E5 VI03 I/O GPIO[48] S1_SD2 S1_SD2 S1_SD2 S1_SD2 GPIO GPIO S1_SD2 UART_TX E4 VI03 I/O GPIO[49] S1_SD3 S1_SD3 S1_SD3 S1_SD3 GPIO GPIO S1_SD3 UART_RX D1 VI03 I/O GPIO[50] S1_CMD S1_CMD S1_CMD S1_CMD GPIO I2S_CLK S1_CMD I2S_CLK D2 VI03 I/O GPIO[51] S1_CLK S1_CLK S1_CLK S1_CLK GPIO I2S_SD S1_CLK I2S_SD D3 VI03 I/O GPIO[52] S1_WP S1_WP S1_WP S1_WP GPIO I2S_WS S1_WP I2S_WS D4 VIO4 I/O GPIO[53] S1_SD4 UART_RTS SPI_SCK GPIO GPIO UART_RTS GPIO SPI_SCK C1 VIO4 I/O GPIO[54] S1_SD5 UART_CTS SPI_SSN GPIO GPIO UART_CTS I2S_CLK SPI_SSN C2 VIO4 I/O GPIO[55] S1_SD6 UART_TX SPI_MISO GPIO GPIO UART_TX I2S_SD SPI_MISO D5 VIO4 I/O GPIO[56] S1_SD7 UART_RX SPI_MOSI GPIO GPIO UART_RX I2S_WS SPI_MOSI C4 VIO4 I/O GPIO[57] MMC1_RS T_OUT GPIO GPIO GPIO GPIO I2S_MCLK I2S_MCLK I2S_MCLK C9 NC No Connect A3 U3RXVDDQ I SSRXM USB 3.0 SuperSpeed Receive Minus A4 U3RXVDDQ I SSRXP USB 3.0 SuperSpeed Receive Plus A6 U3TXVDDQ O SSTXM USB 3.0 SuperSpeed Transmit Minus A5 U3TXVDDQ O SSTXP USB 3.0 SuperSpeed Transmit Plus A9 VBATT/ VBUS I/O D+ USB (HS/FS) Data Plus A10 VBATT/ VBUS I/O D- USB (HS/FS) Data Minus A11 NC No Connect B2 CVDDQ I FSLC[0] FSLC[0] C6 AVDD I/O XTALIN XTALIN C7 AVDD I/O XTALOUT XTALOUT B4 CVDDQ I FSLC[1] FSLC[1] E6 CVDDQ I FSLC[2] FSLC[2] D7 CVDDQ I CLKIN CLKIN D6 CVDDQ I CLKIN_32 CLKIN_32 D9 VIO5 I/O I2C_GPIO[5 8] SCL (Serial Clock) for I2C Bus Interface D10 VIO5 I/O I2C_GPIO[5 9] SDA (Serial Data) for I2C Bus Interface E7 NC No Connect C10 NC No Connect B11 NC No Connect E8 NC No Connect F6 NC No Connect D11 VIO5 O O[60] Output only E10 PWR VBATT B10 PWR VDD A1 PWR U3VSSQ E11 PWR VBUS D8 PWR VSS H11 PWR S2VDDQ E2 PWR VSS Table 7. Pin List (continued) Pin No. Power Domain I/O Name Description |