| Moteur de recherche de fiches techniques de composants électroniques |
|
MP7613 Fiches technique(PDF) 8 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
MP7613 Fiches technique(HTML) 8 Page - Exar Corporation |
|
8 / 16 page ![]() MP7613 8 Rev. 2.00 A standard µ-processor and TTL/CMOS compatible input data port loads the data into the pre-selected DACS. If CS = 0, the chip accesses digital data on the bus. Then address bits A0 to A2 select the appropriate DAC and LD1 loads the data into the first-latch-bank. When all 8-channels first-latch-banks are loaded, then LD2 enables the second-latch-bank and updates all 8-channels simultaneously. The selected DAC becomes transparent (activity on the digital inputs appear at the analog output) when both LD1 = LD2 = 0. R1 = 0 resets the first-latch-bank. R2 = 0 resets the second- latch-bank which sets the analog output to zero volts (data = 100...00), regardless of digital inputs. 0 →1 Function A2 A1 A0 Table 1. Octal Parallel Data Input 14-Bit DAC Truth Table Load Latch 1 of DAC1 Load Latch 1 of DAC2 Load Latch 1 of DAC3 Load Latch 1 of DAC4 Load Latch 1 of DAC5 Load Latch 1 of DAC6 Load Latch 1 of DAC7 Load Latch 1 of DAC8 000 001 010 011 100 101 110 111 1 1 1 1 1 1 1 1 0 →1 0 →1 0 →1 0 →1 0 →1 0 →1 0 →1 0 →1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 Load Latch 2 of DAC1 →8 XXX 1 1 0 1 1 Read Latch 1 of DAC1 Read Latch 1 of DAC2 Read Latch 1 of DAC3 Read Latch 1 of DAC4 Read Latch 1 of DAC5 Read Latch 1 of DAC6 Read Latch 1 of DAC7 Read Latch 1 of DAC8 000 001 010 011 100 101 110 111 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 Reset Latch 1 of DAC1 →8 Reset Latch 2 of DAC1 →8 XXX XXX X X X X X X 0 1 1 0 X X Note: 1: High, 0: Low, X: Don’t Care RD LD1 LD2 CS R1 R2 Note: For timing information see Electrical Characteristics Figure 4. Simplified Parallel Logic Port 3-8 Decoder 38 8 8 To first latch bank enable To switches across the first latch bank for readback enable To second latch bank enable To reset all first latch bank To reset all second latch bank A0 to A2 LD1 CS RD LD2 R1 R2 8 |