| Moteur de recherche de fiches techniques de composants électroniques |
|
MP7613 Fiches technique(PDF) 7 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
MP7613 Fiches technique(HTML) 7 Page - Exar Corporation |
|
7 / 16 page ![]() MP7613 7 Rev. 2.00 Data Input/Output Bus Address A0-A2 Chip Select CS Load Latch A LD1 Load Latch B LD2 1 0 1 0 1 0 1 0 1 0 +FS –FS Analog Output tDS tDH tAS tAH tCH1 tCS1 tLD1W tLD1LD2 tLD2W tSD don’t care don’t care Notes (1) Chip Select (CS) and Load LATCHA (LD1) Signals follow the same timing constraints and are interchangeable in the above diagram. (2) R1 = R2 = 1. (3) For the case where LD2 is in the low state, analog output would respond to the falling edge of LD1 (transparent mode). Address A0-A2 Chip Select CS Data Readback RD Digital Output Data D0 to D13 don’t care tAS tAH tCS2 tRD tCH2 don’t care HIGH-Z HIGH-Z tDR tDA 1 0 1 0 1 0 1 0 Notes (1) Chip Select (CS) and Data Readback (RD) Signals follow the same timing constraints and are interchangeable in the above diagram. (2) R1 = R2 = 1. R1 R2 Reset first latch bank to 1000 . . . . .0000 tR1W tR2W Reset second latch bank to 1000 . . . . .0000 and analog output to zero volt. 1 0 1 0 Figure 1. Loading Latch A and Updating Latch B Figure 2. Read Back First Latch Bank of One DAC Figure 3. Reset Operations |