Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSOC4100S Fiches technique(PDF) 12 Page - Cypress Semiconductor

No de pièce PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Fiches technique(HTML) 12 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 8Page - Cypress Semiconductor PSOC4100S Datasheet HTML 9Page - Cypress Semiconductor PSOC4100S Datasheet HTML 10Page - Cypress Semiconductor PSOC4100S Datasheet HTML 11Page - Cypress Semiconductor PSOC4100S Datasheet HTML 12Page - Cypress Semiconductor PSOC4100S Datasheet HTML 13Page - Cypress Semiconductor PSOC4100S Datasheet HTML 14Page - Cypress Semiconductor PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Document Number: 002-19966 Rev. *F
Page 12 of 42
PSoC® 4: PSoC 4100S Plus Data-
sheet
Alternate Pin Functions
Each Port pin has can be assigned to one of multiple functions; it can, for example, be an analog I/O, a digital peripheral function, an LCD pin, or a CapSense pin. The pin
assignments are shown in the following table. Note that this is preliminary and subject to change.
Port/Pin
Analog
Smart I/O
ACT #0
ACT #1
ACT #3
DS #2
DS #3
P0.0
lpcomp.in_p[0]
tcpwm.tr_in[0]
scb[2].uart_cts:0
scb[2].i2c_scl:0
scb[0].spi_select1:0
P0.1
lpcomp.in_n[0]
tcpwm.tr_in[1]
scb[2].uart_rts:0
scb[2].i2c_sda:0
scb[0].spi_select2:0
P0.2
lpcomp.in_p[1]
scb[0].spi_select3:0
P0.3
lpcomp.in_n[1]
scb[2].spi_select0:1
P0.4
wco.wco_in
scb[1].uart_rx:0
scb[2].uart_rx:0
scb[1].i2c_scl:0
scb[1].spi_mosi:1
P0.5
wco.wco_out
scb[1].uart_tx:0
scb[2].uart_tx:0
scb[1].i2c_sda:0
scb[1].spi_miso:1
P0.6
exco.eco_in
srss.ext_clk:0
scb[1].uart_cts:0
scb[2].uart_tx:1
scb[1].spi_clk:1
P0.7
exco.eco_out
tcpwm.line[0]:3
scb[1].uart_rts:0
scb[1].spi_select0:1
P5.0
tcpwm.line[4]:2
scb[2].uart_rx:1
scb[2].i2c_scl:1
scb[2].spi_mosi:0
P5.1
tcpwm.line_compl[4]:2
scb[2].uart_tx:2
scb[2].i2c_sda:1
scb[2].spi_miso:0
P5.2
tcpwm.line[5]:2
scb[2].uart_cts:1
lpcomp.comp[0]:2
scb[2].spi_clk:0
P5.3
tcpwm.line_compl[5]:2
scb[2].uart_rts:1
lpcomp.comp[1]:0
scb[2].spi_select0:0
P5.4
tcpwm.line[6]:2
scb[2].spi_select1:0
P5.5
tcpwm.line_compl[6]:2
scb[2].spi_select2:0
P1.0
ctb0_oa0+
SmartIo[2].io[0]
tcpwm.line[2]:1
scb[0].uart_rx:1
scb[0].i2c_scl:0
scb[0].spi_mosi:1
P1.1
ctb0_oa0-
SmartIo[2].io[1]
tcpwm.line_compl[2]:1 scb[0].uart_tx:1
scb[0].i2c_sda:0
scb[0].spi_miso:1
P1.2
ctb0_oa0_out
SmartIo[2].io[2]
tcpwm.line[3]:1
scb[0].uart_cts:1
tcpwm.tr_in[2]
scb[2].i2c_scl:2
scb[0].spi_clk:1
P1.3
ctb0_oa1_out
SmartIo[2].io[3]
tcpwm.line_compl[3]:1 scb[0].uart_rts:1
tcpwm.tr_in[3]
scb[2].i2c_sda:2
scb[0].spi_select0:1
P1.4
ctb0_oa1-
SmartIo[2].io[4]
tcpwm.line[6]:1
scb[3].i2c_scl:0
scb[0].spi_select1:1
P1.5
ctb0_oa1+
SmartIo[2].io[5]
tcpwm.line_compl[6]:1
scb[3].i2c_sda:0
scb[0].spi_select2:1
P1.6
ctb0_oa0+
SmartIo[2].io[6]
tcpwm.line[7]:1
scb[0].spi_select3:1
P1.7
ctb0_oa1+
sar_ext_vref0
sar_ext_vref1
SmartIo[2].io[7]
tcpwm.line_compl[7]:1
scb[2].spi_clk:1
P2.0
sarmux[0]
SmartIo[0].io[0]
tcpwm.line[4]:0
csd.comp
tcpwm.tr_in[4]
scb[1].i2c_scl:1
scb[1].spi_mosi:2
P2.1
sarmux[1]
SmartIo[0].io[1]
tcpwm.line_compl[4]:0
tcpwm.tr_in[5]
scb[1].i2c_sda:1
scb[1].spi_miso:2
P2.2
sarmux[2]
SmartIo[0].io[2]
tcpwm.line[5]:1
scb[1].spi_clk:2
P2.3
sarmux[3]
SmartIo[0].io[3]
tcpwm.line_compl[5]:1
scb[1].spi_select0:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42