| Moteur de recherche de fiches techniques de composants électroniques |
|
PSOC4100S Fiches technique(PDF) 32 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
PSOC4100S Fiches technique(HTML) 32 Page - Cypress Semiconductor |
|
32 / 42 page ![]() PSoC® 4: PSoC 4100S Plus Datasheet Document Number: 002-19966 Rev. *F Page 32 of 42 Smart I/O CAN Table 38. Smart I/O Pass-through Time (Delay in Bypass Mode) Spec ID# Parameter Description Min Typ Max Units Details / Conditions SID252 PRG_BYPASS Max delay added by Smart I/O in bypass mode –– 1.6 ns Table 39. CAN Specifications Spec ID Parameter Description Min Typ Max Units Details/Conditions SID420 IDD_CAN Block current consumption –– 200 µA SID421 CAN_bits CAN Bit rate –– 1 Mbps Min 8-MHZ clock |