Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RUM Fiches technique(PDF) 1 Page - Recom International Power

No de pièce RUM
Description  Twin Independent Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

RUM Fiches technique(HTML) 1 Page - Recom International Power

  RUM Datasheet HTML 1Page - Recom International Power RUM Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RU/RUM
EN-60950-1 Certified
Part
Input
Output
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Voltage
Current
typ.
Capacitive
SIP 7
2kV
(VDC)
(V1VDC)
(V2VDC)
(mA)
(%)
Load(1)
RU-3.30505
(H)
3.3
5
5
100/100
76
470µF/470µF
RU-050505
(H)
5
5
5
100/100
72
470µF/470µF
RUM-3.30505 (H)
3.3
5
5
100/100
78
470µF/470µF
RUM-050505
(H)
5
5
5
100/100
72
470µF/470µF
Other input and output voltage combinations available on request
* add Suffix “P” for Continuous Short Circuit Protection,
e.g. RU-050505/P, RUM-050505/P, RU-3.30505/HP
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
1 Watt
SIP7
Isolated
Dual Output
Derating-Graph
(Ambient Temperature)
Twin Independent Outputs
Output/Output Isolation 1kVDC
Power Sharing on Outputs
Input/Output Isolation 1kVDC
Standard and Miniature Versions
Optional Continuous Short Circuit Protected
Custom Solutions Available
Efficiency to 76%
Features
Unregulated
Converters
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
15% max
(10%~100% Load)
10% typ.
Output Ripple and Noise (20MHz limited)
RU
75mVp-p max.
Full Load
RUM
100mVp-p max.
Operating Frequency
20kHz min. / 70kHz typ. / 105kHz max.
Efficiency at Full Load
RU
70% min.
RUM
70% min.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
1000VDC
Input/Output and Output/Output
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-suffix
(tested for 1 second)
2000VDC
Input/Output
H-suffix
(rated for 1 minute**)
1000VAC / 60Hz
Output/Output
H-suffix
(rated for 1 minute**)
500VAC / 60Hz
Isolation Capacitance
20pF min. / 94pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.7g
Packing Quantity
RU
25 pcs per Tube
RUM
30 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1012 x 103 hours
(+85°C)
using MIL-HDBK 217F
151 x 103 hours
Certifications
EN60950-1
Report: SPCLVD1109103
EN60950-1: 2006+A12:2011
Selection Guide
} DetailedInformationsee
Application Notes chapter "MTBF"
The RU DC/DC converter offers two independent isolated outputs. Typical applications include
multiple channel circuits where inter-channel isolation is also required. The RUM offers
similar specifications in a miniature case for applications where space is at a premium. Both
converters offer 1KVDC input/output isolation and 1kVDC output/output isolation.
The /H versions offer 2kVDC isolation between input and outputs.
Description
Refer to Application Notes
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based
on our practical experience only. For further details, please refer to our
Application Notes.
REV: 0/2015
E-79
www.recom-power.com


Numéro de pièce similaire - RUM

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
RUM-050505 RECOM-RUM-050505 Datasheet
97Kb / 2P
Twin Independent Outputs
RUM-3.30505 RECOM-RUM-3.30505 Datasheet
97Kb / 2P
Twin Independent Outputs
logo
Texas Instruments
RUM0016C TI-RUM0016C Datasheet
1Mb / 53P
LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
RUM0016F TI-RUM0016F Datasheet
1Mb / 53P
LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
logo
Rohm
RUM001L02 ROHM-RUM001L02 Datasheet
2Mb / 12P
Nch 20V 100mA Small Signal MOSFET
More results

Description similaire - RUM

FabricantNo de pièceFiches techniqueDescription
logo
Micronas
HAL700 MICRONAS-HAL700_1 Datasheet
1Mb / 22P
Dual Hall-Effect Sensors with Independent Outputs
logo
MORNSUN Science& Techno...
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
logo
Recom International Pow...
R1DA RECOM-R1DA Datasheet
105Kb / 3P
1 Watt SMD Dual Independent Outputs
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
Independent Positive and Negative Outputs
REV. A
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
Three independent outputs
9130B ETC2-9130B Datasheet
511Kb / 4P
Three independent and electrically isolated outputs
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
logo
Maxim Integrated Produc...
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
Independent Enable Inputs for All Outputs
Rev 0; 5/08
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com