| Moteur de recherche de fiches techniques de composants électroniques |
|
PC755CVGU366LE Fiches technique(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC755CVGU366LE Fiches technique(HTML) 43 Page - ATMEL Corporation |
|
43 / 50 page ![]() 43 PC755/745 2138D–HIREL–06/03 Notes: 1. PLL_CFG[0:3] settings not listed are reserved. 2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO frequencies which are not useful, not supported, or not tested for by the PC755; see Section «Clock AC Specifications» page 25 for valid SYSCLK, core, and VCO frequencies. 3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the bus mode is set for 1:1 mode operation. This mode is intended for factory use and emulator tool use only. Note: The AC timing specifications given in this document do not apply in PLL-bypass mode. 4. In PLL off mode, no clocking occurs inside the PC755 regardless of the SYSCLK input. Table 18. PC755 Microprocessor PLL Configuration PLL_CFG [0-3] Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz) Bus-to-Core Multiplier Core-to VCO Multiplier Bus 33 MHz Bus 50 MHz Bus 66 MHz Bus 75 MHz Bus 80 MHz Bus 100 MHz 0100 2x 2x - - - - - 200 (400) 1000 3x 2x - - 200 (400) 225 (450) 240 (480) 300 (600) 1110 3.5x 2x - - 233 (466) 263 (525) 280 (560) 350 (700) 1010 4x 2x - 200 (400) 266 (533) 300 (600) 320 (640) 400 (800) 0111 4.5x 2x - 225 (450) 300 (600) 338 (675) 360 (720) - 1011 5x 2x - 250 (500) 333 (666) 375 (750) 400 (800) - 1001 5.5x 2x - 275 (550) 366 5733 ° - - - 1101 6x 2x 200 (400) 300 (600) 400 (800) - - - 0101 6.5x 2x 216 (433) 325 (650) - - - - 0010 7x 2x 233 (466) 350 (700) - - - - 0001 7.5x 2x 250 (500) 375 (750) - - - - 1100 8x 2x 266 (533) 400 (800) - - - - 0110 10x 2x 333 (666) - - - - - 0011 PLL off/bypass PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied 1111 PLL off PLL off, no core clocking occurs |