| Moteur de recherche de fiches techniques de composants électroniques |
|
PC755CVGU366LE Fiches technique(PDF) 41 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC755CVGU366LE Fiches technique(HTML) 41 Page - ATMEL Corporation |
|
41 / 50 page ![]() 41 PC755/745 2138D–HIREL–06/03 Mechanical Dimensions of the PC755 HiTCE Package Figure 28 provides the mechanical dimensions and bottom surface nomenclature of the PC755, 360 HiTCE package. Figure 28. Mechanical Dimensions and Bottom Surface Nomenclature of PC755 (HiTCE) B C 360X e 12345 6789 10 11 12 13 14 15 16 A B C D E F G H J K L M N P R T A 0.3 C 0.15 b A A1 A2 C 0.15 C 171819 U W V Millimeters DIM Min Max A 2.65 3.24 A1 0.79 0.99 A2 1.10 1.30 A3 —0.60 b 0.82 0.93 D 25.00 BSC D1 6.75 E 25.00 BSC E1 7.87 e 1.27 BSC 0.2 D 2X A1 CORNER E 0.2 2X A E1 D1 A3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS IN MILLIMETERS. 3. TOP SIDE A1 CORNER INDEX IS A METALIZED FEATURE WITH VARIOUS SHAPES. BOTTOM SIDE A1 CORNER IS DESIGNATED WITH A BALL MISSING FROM THE ARRAY. |