Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MN103S65G Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce MN103S65G
Description  4 K-byte SRAM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103S65G Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  MN103S65G Datasheet HTML 1Page - Panasonic Semiconductor MN103S65G Datasheet HTML 2Page - Panasonic Semiconductor MN103S65G Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MN103S65G
Internal RAM
4 K-byte SRAM
Internal ROM
128 K-byte
Type
MN103S65G
Minimum Instruction
Execution Time
25 ns (at 4.3 V to 5.5 V, 10 MHz internal regulator used)
25 ns (at 3.0 V to 3.6 V, 10 MHz)
*at internal 4 times oscillation used)
Package
LQFP080-P-1414A *Lead-free
MAF00010AEM
Interrupts
• 9 external interrupts
• 42 internal interrupts (watch dog timer, timer, serial I/F, PWM, A/D, system error)
Timer Counter
Eight 8-bit timers
Interval timer, Event counter, Cascading
Four 16-bit timers
Interval timer, Event counter, PWM output, Double buffer
Watch dog timer
Serial Interface
UART (full duplex) / synchronous interfaces selective: 3
I/O Pins
exclusive: 2, selective: 48
I/O
A/D Inputs
10-bits, 2 inputs: 2, 6 inputs: 1
Minimum conversion time 1.5us
selective: 10
Input
50
10
PWM
3-phase PWM output
16-bit counter, triangular waveform or jigsaw waveform dead time setup,
Double buffer
Electrical Characteristics
T.B.D.


Numéro de pièce similaire - MN103S65G

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
Chip-set for Digital Still Camera
MN103S57G PANASONIC-MN103S57G Datasheet
436Kb / 3P
Cascade connection possible (usable as a 16-bit to 32-bit timer)
MN103S57G PANASONIC-MN103S57G Datasheet
433Kb / 3P
MN103S57G
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
5V single power supply (regulator)
MN103S927 PANASONIC-MN103S927 Datasheet
117Kb / 3P
MICROCOMPUTER LSI
More results

Description similaire - MN103S65G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
logo
Epson Company
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
4-Mbit (128 K x 36) Pipelined Sync SRAM
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com