Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTR366103C350 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce POTR366103C350
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTR366103C350 Fiches technique(HTML) 1 Page - Vishay Siliconix

  POTR366103C350 Datasheet HTML 1Page - Vishay Siliconix POTR366103C350 Datasheet HTML 2Page - Vishay Siliconix POTR366103C350 Datasheet HTML 3Page - Vishay Siliconix POTR366103C350 Datasheet HTML 4Page - Vishay Siliconix POTR366103C350 Datasheet HTML 5Page - Vishay Siliconix POTR366103C350 Datasheet HTML 6Page - Vishay Siliconix POTR366103C350 Datasheet HTML 7Page - Vishay Siliconix POTR366103C350 Datasheet HTML 8Page - Vishay Siliconix POTR366103C350 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POHR36, POHR44, POTH44, POTH50, POTH76
www.vishay.com
Vishay MCB
Revision: 02-Mar-17
1
Document Number: 32521
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single-Turn Continuous Rotation Analog Displacement Sensors
FEATURES
• Conductive plastic potentiometer technology, infinite
resolution
• Servo mount anodized light alloy housing
• Precious metal contacts
• Stainless steel shaft and bearings
• Applicable standards: NFC 93255, MIL R39023
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial, avionics
Dimensions
Ø 36, Ø 44, Ø 50, Ø 76
ELECTRICAL SPECIFICATIONS
PARAMETER
POHR36
POHR44
POTH44
POTH50
POTH76
Theoretical electrical travel
(TET)
350° ± 3°
350° ± 3°
350° ± 3°
350° ± 2°
350° ± 1°
Theoretical electrical travel
(on request)
-
62.5° 90° 120° 120° 182.5° 210°
90°
-
-
Useful electrical travel
(on request)
-
60° 90° 90° 119° 180° 180°
89°
-
-
Standard linearity (

± 0.5 %
± 0.5 %
± 0.5 %
± 0.25 %
± 0.1 %
Optional linearity (

± 0.25 %, ± 0.1 %,
± 0.05 %
± 0.4 %, ± 0.25 %, ± 0.1 %,
± 0.05 %, ± 0.04 %
± 0.25 %, ± 0.2 %,
± 0.1 %, ± 0.05 %
± 0.1 %, ± 0.05 %,
± 0.03 %
± 0.05 %, ± 0.02 %
Total resistance range (E3)
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k
Tolerance on Rn
± 10 %, optional: ± 20 %, ± 15 %, ± 5 %
Output smoothness
 0.1 % (on request: 0.5 %, 0.05 %, 0.025 %)
Power rating at 70 °C
2 W
2.5 W
2.5 W
3 W
4 W
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
 1 mA
Recommended
load impedance
 1000 R
n
Insulation resistance
 10 G at 500 V
DC
Dielectric strength
1000 VRMS, 50 Hz, 1 min
MECHANICAL SPECIFICATIONS
PARAMETER
POHR36
POHR44
POTH44
POTH50
POTH76
Size
15
18
18
20
30
Running and starting torque (cN cm)
first stage
2020
202535
additional stage
1818
182230
Moment of inertia (g cm2)
first stage
 2.2
 2.6
 6
 8
 20
additional stage
0.6
 0.6
 5
 6
 17
Weight (g)
first stage
50
80
100
100
230
additional stage
1212
505580
Protection class
IP50


Numéro de pièce similaire - POTR366103C350

FabricantNo de pièceFiches techniqueDescription
logo
Electronic devices inc.
POT EDI-POT Datasheet
53Kb / 2P
75, 100 and 120 Ampere Three Phase Br idges o Provides 0.23 C/W Junction-to-Case, Thermal Resistance
logo
Level One
POT-0100 LVL1-POT-0100 Datasheet
222Kb / 2P
PoE Repeater over 2-wire (Master)
POT-0110 LVL1-POT-0110 Datasheet
221Kb / 2P
PoE Repeater over 2-wire (Slave)
POT-1110 LVL1-POT-1110 Datasheet
471Kb / 3P
Outdoor PoE Repeater over 2-wire (Slave)
logo
Electronic devices inc.
POT100 EDI-POT100 Datasheet
53Kb / 2P
75, 100 and 120 Ampere Three Phase Br idges o Provides 0.23 C/W Junction-to-Case, Thermal Resistance
More results

Description similaire - POTR366103C350

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensor
04-Jan-17
PP12SR VISHAY-PP12SR Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensor
25-Jan-18
PP36 VISHAY-PP36 Datasheet
91Kb / 3P
Single-Turn Continuous Rotation Analog Displacement Sensor
25-Jan-18
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensors
08-Mar-2019
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com