Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTR366103C350 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce POTR366103C350
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTR366103C350 Fiches technique(HTML) 4 Page - Vishay Siliconix

  POTR366103C350 Datasheet HTML 1Page - Vishay Siliconix POTR366103C350 Datasheet HTML 2Page - Vishay Siliconix POTR366103C350 Datasheet HTML 3Page - Vishay Siliconix POTR366103C350 Datasheet HTML 4Page - Vishay Siliconix POTR366103C350 Datasheet HTML 5Page - Vishay Siliconix POTR366103C350 Datasheet HTML 6Page - Vishay Siliconix POTR366103C350 Datasheet HTML 7Page - Vishay Siliconix POTR366103C350 Datasheet HTML 8Page - Vishay Siliconix POTR366103C350 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
POHR36, POHR44, POTH44, POTH50, POTH76
www.vishay.com
Vishay MCB
Revision: 02-Mar-17
4
Document Number: 32521
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POHR44
Number of cups:
1
234
56
78
L:
21
26
31
36
41
46
51
56
DESIGNS ON REQUEST FOR POHR44
OPTION 1
DIMENSIONS in millimeters
10.7
L ± 0.5
1.5
1.6 ± 0.1
1.6 ± 0.1
1.9 + 0.2
- 0.1
25 ± 0.5
20°
20°
R 26.5
max.
Approximate electrical zero
slot width 0.8 ± 0.2 depth 1 ± 0.4
1.6 ± 0.1
1.6 ± 0.1
1.9 ± 0.2
21 ± 0.5
9 min.
15 ± 0.13
10 ± 0.13
20° ± 5°
20° ± 5°
3 wires AWG 24: yellow, red, green
Approximate U/2
100 min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com