Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTH196103C330B Fiches technique(PDF) 12 Page - Vishay Siliconix

No de pièce POTH196103C330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH196103C330B Fiches technique(HTML) 12 Page - Vishay Siliconix

Back Button POTH196103C330B Datasheet HTML 6Page - Vishay Siliconix POTH196103C330B Datasheet HTML 7Page - Vishay Siliconix POTH196103C330B Datasheet HTML 8Page - Vishay Siliconix POTH196103C330B Datasheet HTML 9Page - Vishay Siliconix POTH196103C330B Datasheet HTML 10Page - Vishay Siliconix POTH196103C330B Datasheet HTML 11Page - Vishay Siliconix POTH196103C330B Datasheet HTML 12Page - Vishay Siliconix POTH196103C330B Datasheet HTML 13Page - Vishay Siliconix POTH196103C330B Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
12
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•Other shaft design for POHR27: see “Dimensions” POHR27
• Middle tap: POTH22; POTH27
• Additional output: plug at 90° and 180° (POTH19)
• Protection resistor: 3300
 ± 5 % 1/8 W on POTH27
• Specific connector: plug Socapex JT 06 RT 835 P023 (or equivalent) with cable length 1 m
• Specific design to support high temperature +200 °C (during short time tbd)
• Low torque:
 5 cNcm (POTH27);  10 cNcm (POHR27x4)
• Specific function:
for POTH22 1 or 2 gangs
POTH27(22)
OPTION FOR THE DIMENSIONS in millimeters (design on request)
7.4 ± 0.2
23 max.
9 ± 0.5
0.4 max.
Wire length:
300 min.
60° max.
R16
max.
Approximate electrical U/2
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
6 min.
2 x 6
1.6 ± 0.1
1.6 ± 0.1
Signal voltage
+10 V
0
C
V
-10 V
-9990
1° 15’
358° 45’
343°
342°
15’
341°
30’
17°
17°
45’
18°
30’
23°
337°
0° 45’
359°
-7
+7
-10 000
9990
10 000
V.10-4
Clockwise
Wiring:
Clockwise
359°
15’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com