Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTH196103C330B Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce POTH196103C330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH196103C330B Fiches technique(HTML) 5 Page - Vishay Siliconix

  POTH196103C330B Datasheet HTML 1Page - Vishay Siliconix POTH196103C330B Datasheet HTML 2Page - Vishay Siliconix POTH196103C330B Datasheet HTML 3Page - Vishay Siliconix POTH196103C330B Datasheet HTML 4Page - Vishay Siliconix POTH196103C330B Datasheet HTML 5Page - Vishay Siliconix POTH196103C330B Datasheet HTML 6Page - Vishay Siliconix POTH196103C330B Datasheet HTML 7Page - Vishay Siliconix POTH196103C330B Datasheet HTML 8Page - Vishay Siliconix POTH196103C330B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
5
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION 2
OPTION 1 AND OPTION 2 - VIEW “F”
OPTION 3
Number of cups
2345
L
27384960
DIMENSIONS in millimeters
5 min.
0.4 0
- 0.3
Ø 3.175 0
- 0.013
1
15.875 ± 2.5
27 ± 0.15
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
F
30°
30°
Ø 3.43 + 0.13
0
depth 3.05
Slot width: 0.8 ± 0.2
Depth: 0.813
R6.35
R15 max.
5 min.
1 min.
L
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
0.4 0
- 0.3
12.5 0
- 0.3
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
Approximate electrical zero
60° max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com