Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46140 Fiches technique(PDF) 2 Page - Dialog Semiconductor

No de pièce SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Fiches technique(HTML) 2 Page - Dialog Semiconductor

  SLG46140 Datasheet HTML 1Page - Dialog Semiconductor SLG46140 Datasheet HTML 2Page - Dialog Semiconductor SLG46140 Datasheet HTML 3Page - Dialog Semiconductor SLG46140 Datasheet HTML 4Page - Dialog Semiconductor SLG46140 Datasheet HTML 5Page - Dialog Semiconductor SLG46140 Datasheet HTML 6Page - Dialog Semiconductor SLG46140 Datasheet HTML 7Page - Dialog Semiconductor SLG46140 Datasheet HTML 8Page - Dialog Semiconductor SLG46140 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 170 page
background image
000-0046140-109
Page 1 of 169
SLG46140
Block Diagram
3-bit
LUT3_7 or
CNT3
Vref
Programmable Delay
RC Oscillator
Pin 1
VDD
Pin 2
GPI
Pin 3
GPIO
Pin 4
GPIO
Pin 14
GPIO
Pin 13
GPIO
Pin 6
GPIO
Pin 7
GPIO
Pin 10
GPIO
Pin 9
GPIO
Pin 12
GPIO
Pin 11
GPIO
ACMP0
ACMP1
FILTER_0
Additional Logic
Functions
Look Up Tables (LUTs)
Counters/Delay Generators
CNT0
CNT1
2-bit
LUT2_0
3-bit
LUT3_0
2-bit
LUT2_1
2-bit
LUT2_3
Combination Function Macrocells
2-bit
LUT2_4
or DFF0
2-bit
LUT2_5
or DFF1
3-bit
LUT3_6 or
Pipe Delay
3bit
LUT3_5
or DFF3
3-bit
LUT3_4
or DFF2
Pin 8
GND
Pin 5
GPIO
DFF/Latches
DFF4
DFF5
2-bit
LUT2_2
3-bit
LUT3_3
3-bit
LUT3_2
3-bit
LUT3_1
4-bit
LUT4_1
or CNT2
4bit
LUT4_0
or PGEN
Digital Comparators/PWMs
DCMP0
DCMP1
DCMP2
POR
PWR DET
DAC1
Ring Oscillator
LF Oscillator
DAC0
8-bit SAR
ADC
PGA
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More