| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46140 Fiches technique(PDF) 92 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46140 Fiches technique(HTML) 92 Page - Dialog Semiconductor |
|
92 / 170 page ![]() 000-0046140-109 Page 91 of 169 SLG46140 12.6 4-Bit LUT or 14-Bit Counter / Delay Macrocells There is one macrocell that can serve as a 4-bit LUT or as Counter / Delay. When used to implement LUT functions, the 4-bit LUTs each take in four input signals from the connection matrix and produce a single output, which goes back into the connection matrix. When used to implement 14-Bit Counter / Delays function, two of the four input signals from the connection matrix go to the external clock (ext_CLK) and reset (DLY_In/CNT_Reset) for the counter/delay, with the output going back to the connection matrix. Figure 48. 4-bit LUT1 or CNT/DLY2/FSM0 CNT/DLY2/ FSM0 OUT CLK DLY_In/CNT_Reset 4-bit LUT1 OUT IN0 IN1 2-bit NVM IN2 IN3 To Connection Matrix Input <39> From Connection Matrix Output <70> reg <698:680> reg <702:701> From Connection Matrix Output <67> UP KEEP Clk Select reg <698:695> From Connection Matrix Output <71> From Connection Matrix Output <72> |