Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST68C554 Fiches technique(PDF) 35 Page - Exar Corporation

No de pièce ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Fiches technique(HTML) 35 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 31Page - Exar Corporation ST68C554 Datasheet HTML 32Page - Exar Corporation ST68C554 Datasheet HTML 33Page - Exar Corporation ST68C554 Datasheet HTML 34Page - Exar Corporation ST68C554 Datasheet HTML 35Page - Exar Corporation ST68C554 Datasheet HTML 36Page - Exar Corporation ST68C554 Datasheet HTML 37Page - Exar Corporation ST68C554 Datasheet HTML 38Page - Exar Corporation ST68C554 Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
ST16C554/554D/68C554
35
Rev. 3.10
Transmit ready timing in FIFO mode
STOP BIT
PARITY BIT
DATA BITS (5-8)
D0
D1
D2
D3
D4
D5
D6
D7
5 DATA BITS
6 DATA BITS
7 DATA BITS
START BIT
TX
-IOW
D0-D7
-TXRDY
BYTE #16
T28d
T27d
X552-TX-3
FIFO Full
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40