| Moteur de recherche de fiches techniques de composants électroniques |
|
ST68C554 Fiches technique(PDF) 32 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
ST68C554 Fiches technique(HTML) 32 Page - Exar Corporation |
|
32 / 40 page ![]() ST16C554/554D/68C554 32 Rev. 3.10 Receive timing in FIFO mode Receive ready timing in none FIFO mode STOP BIT PARITY BIT DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7 START BIT RX NEXT DATA START BIT -RXRDY -IOR T25d T26d X552-RX-2 Active Data Ready Active STOP BIT PARITY BIT DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7 START BIT RX First byte that reaches the trigger level -RXRDY -IOR T25d T26d X552-RX-3 Active Data Ready Active |