Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATPL230A Fiches technique(PDF) 40 Page - ATMEL Corporation

No de pièce ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Fiches technique(HTML) 40 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 36Page - ATMEL Corporation ATPL230A Datasheet HTML 37Page - ATMEL Corporation ATPL230A Datasheet HTML 38Page - ATMEL Corporation ATPL230A Datasheet HTML 39Page - ATMEL Corporation ATPL230A Datasheet HTML 40Page - ATMEL Corporation ATPL230A Datasheet HTML 41Page - ATMEL Corporation ATPL230A Datasheet HTML 42Page - ATMEL Corporation ATPL230A Datasheet HTML 43Page - ATMEL Corporation ATPL230A Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
40
8.3.1.13 Peripheral CRC Control Register
Name:
VCRC_CTL
Address:
0xFF18
Access:
Read/Write
Reset:
0x00
The VCRC_CTL register contains the following control bits:
• BUSY:
‘0’: VCRC block is ready to receive a new data byte.
‘1’: VCRC block is busy performing calculations. Unable to write in VCRC_INPUT register.
• RESTART:
Configures desired circuit feedback type:
‘0’: Reset disable. After a reset, RESTART bit is set to ‘0’ automatically after a period of time.
‘1’: Reset enable. Delete the actual VCRC_CRC register value and does not affect configuration
registers.
76543210
0
0
0
BUSY
0
0
0
RESTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More