Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATPL230A Fiches technique(PDF) 6 Page - ATMEL Corporation

No de pièce ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Fiches technique(HTML) 6 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 2Page - ATMEL Corporation ATPL230A Datasheet HTML 3Page - ATMEL Corporation ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation ATPL230A Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
6
4.
Package and Pinout
4.1
80-Lead LQFP Package Outline
Figure 4-1.
Orientation of the 80-Lead LQFP Package
4.2
80-Lead LQFP Pinout
120
21
40
41
60
61
80
Table 4-1.
80 - Lead LQFP Pinout
1
NC
21
VDDIO
41
GND
61
GND
2
NC
22
NC
42
EMIT8
62
AGND
3
NC
23
CLKOUT
43
EMIT9
63
VDDOUT AN
4
ARST
24
CS
44
EMIT10
64
VIMA
5
PLL INIT
25
SCK
45
EMIT11
65
VIPA
6
GND
26
MOSI
46
VDDIO
66
VDDOUT AN
7
CLKEA
27
MISO
47
GND
67
AGND
8
GND
28
VDDIO
48
VDDOUT
68
VRP
9
CLKEB
29
GND
49
TXRX0
69
VRM
10
VDDIO
30
EMIT0
50
TXRX1
70
VRC
11
GND
31
EMIT1
51
GND
71
VDDIN AN
12
VDDPLL
32
EMIT2
52
AGC2
72
AGND
13
GND
33
EMIT3
53
AGC5
73
AGND
14
VDDIN
34
VDDIO
54
AGC1
74
VDDIN AN
15
VDDIN
35
GND
55
AGC4
75
GND
16
GND
36
EMIT4
56
AGC0
76
VDDIO
17
VDDOUT
37
EMIT5
57
AGC3
77
VZ CROSS
18
GND
38
EMIT6
58
VDDIO
78
NC
19
NC
39
EMIT7
59
GND
79
NC
20
SRST
40
VDDIO
60
EINT
80
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More