| Moteur de recherche de fiches techniques de composants électroniques |
|
ATPL230A Fiches technique(PDF) 114 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A Fiches technique(HTML) 114 Page - ATMEL Corporation |
|
114 / 122 page ![]() ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 114 10.7 Power On Considerations During power-on, PLL INIT pin should be tied to ground during 4 μs at least, in order to ensure proper system start up. After releasing PLL INIT, the system will start no later than 612 μs. After power-up system can be restarted by means of low active pulse (min 1.65 μs) in ARST or SRST. System full operation starts after 410 μs (ARST pulse) or after 0.9 μs (SRST pulse). In case of simultaneous tie down of more than one initialization pin the longest time for operation must be respected. Figure 10-6. PLL INIT initialization diagram FULL OPERATION PLL INIT ARST SRST > 4us > 612us > 410us > 0.9us > 1.65us* > 1.65us* SYSTEM (*) 1.65us = 33*tclk |