Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATPL230A Fiches technique(PDF) 104 Page - ATMEL Corporation

No de pièce ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Fiches technique(HTML) 104 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 100Page - ATMEL Corporation ATPL230A Datasheet HTML 101Page - ATMEL Corporation ATPL230A Datasheet HTML 102Page - ATMEL Corporation ATPL230A Datasheet HTML 103Page - ATMEL Corporation ATPL230A Datasheet HTML 104Page - ATMEL Corporation ATPL230A Datasheet HTML 105Page - ATMEL Corporation ATPL230A Datasheet HTML 106Page - ATMEL Corporation ATPL230A Datasheet HTML 107Page - ATMEL Corporation ATPL230A Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
104
9.3.8.2 PHY Layer Timer Register
Name:
TIMER_BEACON_REF
Address:
0xFE47 - 0xFE4A
Access:
Read-only
Reset:
0x00000000
Timer for the physical layer, which consists of a free-running clock measured in 10 μs steps.
It indefinitely increases a unit each 10 microseconds, overflowing back to 0.
It is set by hardware and is a read-only register.
This register is used by the physical layer for being in accordance with PRIME specification.
31
30
29
28
27
26
25
24
TIMER_BEACON_REF (31:24)
23
22
21
20
19
18
17
16
TIMER_BEACON_REF (23:16)
15
14
13
12
11
10
9
8
TIMER_BEACON_REF (15:8)
76543210
TIMER_BEACON_REF (7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More