Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATPL00B Fiches technique(PDF) 43 Page - ATMEL Corporation

No de pièce ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Fiches technique(HTML) 43 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 39Page - ATMEL Corporation ATPL00B Datasheet HTML 40Page - ATMEL Corporation ATPL00B Datasheet HTML 41Page - ATMEL Corporation ATPL00B Datasheet HTML 42Page - ATMEL Corporation ATPL00B Datasheet HTML 43Page - ATMEL Corporation ATPL00B Datasheet HTML 44Page - ATMEL Corporation ATPL00B Datasheet HTML 45Page - ATMEL Corporation ATPL00B Datasheet HTML 46Page - ATMEL Corporation ATPL00B Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
43
When in operation mode, all the interrupt flags are latched into the interrupt control system during state 2 of every
machine cycle. The samples are polled during the following machine cycle. If the flag for an enabled interrupt is found to
be set („1‟), the interrupt system generates an LCALL to the appropriate location in Program Memory, unless some
other condition blocks the interrupt. Several conditions can block an interrupt, for example when an interrupt of equal or
higher priority level is already in progress.
The hardware-generated LCALL causes the value in the Program Counter to be pushed into the stack, and reloads the
PC with the beginning address of the service routine. As previously noted the service routine for each interrupt begins at
a fixed location.
Only the Program Counter is automatically pushed onto the stack, not the PSW or any other register.
Having only the PC automatically saved it is a programmer task to save other registers if necessary
Figure 4-11. Interrupt Priorities diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More