Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATPL00B Fiches technique(PDF) 87 Page - ATMEL Corporation

No de pièce ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Fiches technique(HTML) 87 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 83Page - ATMEL Corporation ATPL00B Datasheet HTML 84Page - ATMEL Corporation ATPL00B Datasheet HTML 85Page - ATMEL Corporation ATPL00B Datasheet HTML 86Page - ATMEL Corporation ATPL00B Datasheet HTML 87Page - ATMEL Corporation ATPL00B Datasheet HTML 88Page - ATMEL Corporation ATPL00B Datasheet HTML 89Page - ATMEL Corporation ATPL00B Datasheet HTML 90Page - ATMEL Corporation ATPL00B Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
87
9.1.8
PWM_PER register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
PWM_PER
D7
D6
D5
D4
D3
D2
D1
D0
Name:
PWM_PER
Address:
0xFEAA
Reset:
“00000000”
This register is used to adjust the period of the PWM control
D(7:0):
Values can be between 0 and 255 (0xFF).
The smaller the value, the greater the frequency
PWM FREQUENCY =
KHz
Where n=D(7:0) value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More