Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA1095 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STA1095
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 5Page - STMicroelectronics STA1095 Datasheet HTML 6Page - STMicroelectronics STA1095 Datasheet HTML 7Page - STMicroelectronics STA1095 Datasheet HTML 8Page - STMicroelectronics STA1095 Datasheet HTML 9Page - STMicroelectronics STA1095 Datasheet HTML 10Page - STMicroelectronics STA1095 Datasheet HTML 11Page - STMicroelectronics STA1095 Datasheet HTML 12Page - STMicroelectronics STA1095 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STA1080, STA1085, STA1090, STA1095
10/13
DocID028279 Rev 1
Table 1. LFBGA361 (16x16x1.7 mm) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.7
-
-
0.0669
A1
0.25
-
-
0.0098
-
-
A2
-
0.3
-
-
0.0118
-
A4
-
-
0.8
-
-
0.0315
b
0.35
0.4
0.48
0.0138
0.0157
0.0189
D
15.85
16
16.15
0.624
0.6299
0.6358
D1
-
14.4
-
-
0.5669
-
E
15.85
16
16.15
0.624
0.6299
0.6358
E1
-
14.4
-
-
0.5669
-
e
-
0.8
-
-
0.0315
-
Z
-
0.8
-
-
0.0315
-
ddd
-
-
0.1
-
-
0.0039
eee
-
-
0.15
-
-
0.0059
fff
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13