Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA1095 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STA1095
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 5Page - STMicroelectronics STA1095 Datasheet HTML 6Page - STMicroelectronics STA1095 Datasheet HTML 7Page - STMicroelectronics STA1095 Datasheet HTML 8Page - STMicroelectronics STA1095 Datasheet HTML 9Page - STMicroelectronics STA1095 Datasheet HTML 10Page - STMicroelectronics STA1095 Datasheet HTML 11Page - STMicroelectronics STA1095 Datasheet HTML 12Page - STMicroelectronics STA1095 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID028279 Rev 1
9/13
STA1080, STA1085, STA1090, STA1095
Package information
13
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.1
LFBGA361 (16x16x1.7 mm) package information
Figure 2. LFBGA361 (16x16x1.7 mm) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13