Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 219 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 219 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 212Page - STMicroelectronics ST25DV64K Datasheet HTML 213Page - STMicroelectronics ST25DV64K Datasheet HTML 214Page - STMicroelectronics ST25DV64K Datasheet HTML 215Page - STMicroelectronics ST25DV64K Datasheet HTML 216Page - STMicroelectronics ST25DV64K Datasheet HTML 217Page - STMicroelectronics ST25DV64K Datasheet HTML 218Page - STMicroelectronics ST25DV64K Datasheet HTML 219Page - STMicroelectronics ST25DV64K Datasheet HTML 220Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 219 / 220 page
background image
DocID027603 Rev 4
219/220
ST25DV04K ST25DV16K ST25DV64K
Revision history
219
19-Dec-2017
4
Added:
– Figure 4: ST25DVxxx 10-ball WLCSP package connections with Cmos interrupt
output (GPO)
– Section 10.5: WLCSP10 package information
– Table 220: WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
mechanical data
– Figure 82: WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
package outline
– Figure 83: WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
recommended footprint
Updated:
– Features
– Section 1: Description
– Section 2.5: Energy harvesting analog output (V_EH)
– Section 5.3.2: Energy harvesting feature description
– Figure 21: ST25DVxxx, Arbitration between RF and I2C
– Section 6.4.1: I2C Byte write
– Section 6.4.2: I2C Sequential write
– Table 203: Absolute maximum ratings
– Table 204: I2C operating conditions
– Table 221: Ordering information scheme
Deleted:
– Device summary
Table 257. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More