| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25DV64K Fiches technique(PDF) 201 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K Fiches technique(HTML) 201 Page - STMicroelectronics |
|
201 / 220 page ![]() DocID027603 Rev 4 201/220 ST25DV04K ST25DV16K ST25DV64K I2C sequences 219 Table 232. Polling during programing after byte write in System memory if I2C security session is open and register is not RO Request/Response Frame Comment Master drives SDA Slave drives SDA Start AEh - Device select for writing - NoACK 9th bit Device Busy Start AEh - Device select for writing - NoACK 9th bit Device Busy Start AEh - Device select for writing - ... 9th bit Start AEh - Device select for writing -ACK 9th bit Device ready Programing completed Stop - end of Polling Table 233. Byte Write in System memory if I2C security session is closed or register is RO Request/Response Frame Comment Master drives SDA Slave drives SDA Start AEh - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA - Send Data - NoACK 9th bit Stop - No Programming Device return in Standby |