Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV16K Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 6Page - STMicroelectronics ST25DV16K Datasheet HTML 7Page - STMicroelectronics ST25DV16K Datasheet HTML 8Page - STMicroelectronics ST25DV16K Datasheet HTML 9Page - STMicroelectronics ST25DV16K Datasheet HTML 10Page - STMicroelectronics ST25DV16K Datasheet HTML 11Page - STMicroelectronics ST25DV16K Datasheet HTML 12Page - STMicroelectronics ST25DV16K Datasheet HTML 13Page - STMicroelectronics ST25DV16K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 220 page
background image
List of tables
ST25DV04K ST25DV16K ST25DV64K
10/220
DocID027603 Rev 4
Table 101. Extended Write Multiple Block response format when Error_flag is set . . . . . . . . . . . . . . 127
Table 102. Select request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Table 103. Select Block response format when Error_flag is NOT set. . . . . . . . . . . . . . . . . . . . . . . . 128
Table 104. Select response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Table 105. Reset to Ready request format. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Table 106. Reset to Ready response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . 129
Table 107. Reset to ready response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . 129
Table 108. Write AFI request format. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
Table 109. Write AFI response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . . . . . . 130
Table 110. Write AFI response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
Table 111. Lock AFI request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
Table 112. Lock AFI response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . . . . . . 131
Table 113. Lock AFI response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
Table 114. Write DSFID request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
Table 115. Write DSFID response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . . . 132
Table 116. Write DSFID response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
Table 117. Lock DSFID request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
Table 118. Lock DSFID response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . . . . 134
Table 119. Lock DSFID response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
Table 120. Get System Info request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135
Table 121. Get System Info response format Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . . . . . 135
Table 122. Memory size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135
Table 123. Get System Info response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . 135
Table 124. Extended Get System Info request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136
Table 125. Parameter request list. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136
Table 126. Extended Get System Info response format when Error_flag is NOT set. . . . . . . . . . . . . 137
Table 127. Response Information Flag. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
Table 128. Response other field: ST25DVxxx VICC memory size . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
Table 129. Response other field: ST25DVxxx IC Ref. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
Table 130. Response other field: ST25DVxxx VICC command list . . . . . . . . . . . . . . . . . . . . . . . . . . 138
Table 131. Response other field: ST25DVxxx VICC command list Byte 1 . . . . . . . . . . . . . . . . . . . . . 138
Table 132. Response other field: ST25DVxxx VICC command list Byte 2 . . . . . . . . . . . . . . . . . . . . . 139
Table 133. Response other field: ST25DVxxx VICC command list Byte 3 . . . . . . . . . . . . . . . . . . . . . 139
Table 134. Response other field: ST25DVxxx VICC command list Byte 4 . . . . . . . . . . . . . . . . . . . . . 140
Table 135. Extended Get System Info response format when Error_flag is set . . . . . . . . . . . . . . . . . 140
Table 136. Get Multiple Block Security Status request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141
Table 137. Get Multiple Block Security Status response format when
Error_flag is NOT set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141
Table 138. Block security status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141
Table 139. Get Multiple Block Security Status response format when Error_flag is set . . . . . . . . . . . 141
Table 140. Extended Get Multiple Block Security Status request format . . . . . . . . . . . . . . . . . . . . . . 142
Table 141. Extended Get Multiple Block Security Status response format
when Error_flags NOT set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
Table 142. Block security status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
Table 143. Extended Get Multiple Block Security Status response format
when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
Table 144. Read Configuration request format. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
Table 145. Read Configuration response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . 144
Table 146. Read Configuration response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . 144
Table 147. Write Configuration request format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
Table 148. Write Configuration response format when Error_flag is NOT set . . . . . . . . . . . . . . . . . . 145
Table 149. Write Configuration response format when Error_flag is set . . . . . . . . . . . . . . . . . . . . . . 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More