Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPWF04SC Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 13Page - STMicroelectronics SPWF04SC Datasheet HTML 14Page - STMicroelectronics SPWF04SC Datasheet HTML 15Page - STMicroelectronics SPWF04SC Datasheet HTML 16Page - STMicroelectronics SPWF04SC Datasheet HTML 17Page - STMicroelectronics SPWF04SC Datasheet HTML 18Page - STMicroelectronics SPWF04SC Datasheet HTML 19Page - STMicroelectronics SPWF04SC Datasheet HTML 20Page - STMicroelectronics SPWF04SC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SPWF04SA, SPWF04SC
Mechanical dimensions
DocID029757 Rev 5
17/27
8
Mechanical dimensions
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 7: Module dimensions
Note: An antenna area of 217 x 520 mils must be free of any ground metalization or traces
under the unit. The area extending away from the antenna should be free from metal on the
PCB and housing to meet expected performance levels. Pin 25 is the required paddle
ground and is not shown in this diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27