Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPWF04SC Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce SPWF04SC
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 12Page - STMicroelectronics SPWF04SC Datasheet HTML 13Page - STMicroelectronics SPWF04SC Datasheet HTML 14Page - STMicroelectronics SPWF04SC Datasheet HTML 15Page - STMicroelectronics SPWF04SC Datasheet HTML 16Page - STMicroelectronics SPWF04SC Datasheet HTML 17Page - STMicroelectronics SPWF04SC Datasheet HTML 18Page - STMicroelectronics SPWF04SC Datasheet HTML 19Page - STMicroelectronics SPWF04SC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Host interfaces
SPWF04SA, SPWF04SC
16/27
DocID029757 Rev 5
Figure 4: Single 1 byte transaction
The Figure 5: "TX master transaction" and Figure 6: "RX master transaction" show a
Master TX transaction and a Master RX transaction, respectively. The communication
starts with the host sending the write SYNC word (0x02), followed by header information,
and then payload, when applicable. Once the command has been analyzed by the device,
it asserts the IRQ interrupt line. Then the host detects the interrupts and then writes the
read SYNC word (0x02) and starts to generate the clock. The device then clears the
interrupt line and prepares the response. The host then reads continuously until the SYNC
pattern is detected. All data until that point is discarded. The SYNC word is then followed
by headers and then payload, when applicable.
Figure 5: TX master transaction
Figure 6: RX master transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27