| Moteur de recherche de fiches techniques de composants électroniques |
|
GL8T08 Fiches technique(PDF) 6 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
GL8T08 Fiches technique(HTML) 6 Page - Sharp Corporation |
|
6 / 7 page ![]() Numeric LED Outline Dimensions(Unit:mm) 150 (Notice) ¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) 10 1.0(Segment width) (Calking) 4-0.5MAX 1 2 2.5 20.2 21.9 25.5 8 7 6 5 4 3 16.0 5 6 4 2 3 8 7 2 3 8 1 Dig.1 10 Dig.2 Dig.2 Dig.1 GL3t201 7 5 6 4 6 5 4 3 2 8 7 8 7 6 5 4 3 2 10 1 Dig.1 Dig.2 GL3t202 2.54!9=22.86 0.3 for all space Internal connection diagram 10˚ 10.5 5.8 ±10˚ D1 D2 E2 E1 B2 B1 Segment name F2 A2 A1 C1 F1 G1 G2 C2 ±10˚ 1.0 9-ø0.55 ±10˚ A2 B2 C2 D2 E2 F2 G2 A2 B2 C2 D2 E2 F2 G2 A1 B1 C1 D1 E1 F1 G1 A1 B1 C1 D1 E1 F1 G1 5.8 5.25 5.25 16-ø0.55 C-0.5 ˚ 0 1 20.2 4-ø5.0MAX. 20.1(Substrate) 17.5(Calking) 2.54!7=17.78 (Calking) 0.3(Space) 1.0(Segment width) 1 8 9 16 B2 C2 C1 B1 E1 F1 E2 F2 D2 G2 A2 G1 D1 A1 Dig.1 Dig.2 Segment name Internal connection diagram D1 E1 F1 1 13 3 16 14 2 8 6 7 9 GL7t206U B1 15 A1 G1 C1 4 D2 E2 F2 G2 10 10 12 11 A2 B2 C2 5 Dig.1 Dig.2 D1 E1 F1 1 13 3 16 14 2 8 6 7 9 GL6t206U B1 15 A1 G1 C1 4 D2 E2 F2 G2 10 12 11 A2 B2 C2 5 Dig.1 Dig.2 0.5(Calking) 4.4 16-ø0.55 4.4 4.4 ˚ 0 1 16.8 17.0 4-ø4.0MAX. 14.3(Calking) 9 16 P20!7=14.0 (Calking) 8 1 F2 E2 F1 E1 B1 C1 A1 A2 G1 G2 D1 D2 C2 B2 Dig.1 Dig.2 0.75(Segment width) 0.3(Space) Internal connection diagram Segment name D1 E1 F1 3 14 2 13 16 1 8 7 6 9 GL7t208U B1 15 A1 G1 C1 4 D2 E2 F2 G2 11 10 12 A2 B2 C2 5 Dig.1 Dig.2 D1 E1 F1 3 14 2 13 16 1 8 7 6 9 GL6t208U B1 15 A1 G1 C1 4 D2 E2 F2 G2 11 10 12 A2 B2 C2 5 Dig.1 Dig.2 5 ˚ 0 1 4 2.5 1 3 8 3 ø1 10 10.5 8 1 17.78 10 21 Luminous intensity rank 2-R1.1 1 5.5 0.5 2.54!7= GL7R202 Internal connection diagram Segment name & Pin No. A1 B1 C1 D1 E1 F1 A2 B2 C2 D2 E2 F2 G2 G1 4 2 3 5 6 7 8 1 1514 13 121110 9 16 Depth0.3 0.3(Space) 0.8.(Segment width) Dig2 Dig1 D1 E1 F1 4 13 2 16 15 1 12 10 9 8 GL7t202 B1 14 A1 G1 C1 3 D2 E2 F2 G2 6 5 7 A2 B2 C2 11 Dig.1 Dig.2 D1 E1 F1 4 13 2 16 15 1 12 10 9 8 GL6t202 B1 14 A1 G1 C1 3 D2 E2 F2 G2 6 5 7 A2 B2 C2 11 Dig.1 Dig.2 4.0 ˚ 0 1 3-ø0.9 2.5 4.5 7.0 2.54!5=12.7 11-ø0.45 7.0 22.0 7.0 1.5 Internal connection diagram A 9 B C D E GL3t306 F G D.P. 7 1 3 8 6 10 11 5 Dig.3 B C E F G D A D.P. Dig.1 Dig.2 Dig.3 Segment name 1 6 7 11 2 Dig.1 4 Dig.2 A 9 B C D E GL3t305 F G D.P. 7 1 3 8 6 10 11 5 Dig.3 2 Dig.1 4 Dig.2 0.3(for all space) 1.0(for all segment width) S GL3E306 3.6 ˚ 0 1 6.0 21-ø0.45 1.5 6.5 5.5 30.0 2.54!10=25.4 5-ø0.8 6.0 6.0 6.0 0.35 0.35 16 U.C. 2 Dig.1 4 Dig.2 7 Dig.3 9 Dig.4 6 L.C. 12 D.P.3 14 D.P.2 3 D.P.1 0.6(for all segment width) 0.3(for all space) 11 12 21 1 Internal connection diagram 5 Segment name Dig.3 Dig.4 Dig.2 Dig.1 D.P.3 D.P.2 D.P.1 L.C. U.C. D G E C F B A G 20 F 18 E 19 D Gl3t412 21 10 C B 15 13 A 17 11 8 1 16 U.C. 2 Dig.1 4 Dig.2 7 Dig.3 9 Dig.4 6 L.C. 12 D.P.3 14 D.P.2 3 D.P.1 5 G 20 F 18 E 19 D Gl3t411 21 10 C B 15 13 A 17 11 8 1 S GL3H412 13 15 17 14 16 18 GL3t202 Series GL3t201 Series GL7t206U Series GL6t206U Series GL7t208U Series GL6t208U Series GL7t202 Series GL6t202 Series GL3t306 Series GL3t305 Series GL3t412 Series GL3t411 Series |