| Moteur de recherche de fiches techniques de composants électroniques |
|
GL8T08 Fiches technique(PDF) 5 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
GL8T08 Fiches technique(HTML) 5 Page - Sharp Corporation |
|
5 / 7 page ![]() (Notice) ¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) Numeric LED Outline Dimensions(Unit:mm) 149 Internal connection diagram Segment name ˚ 7 7.6 11.0 =10.16 10-ø0.45 19.0 A B C D E F G D.P. 5 1 10 Luminous intensity rank ø2.0 6 2.54!4 4 2 1 9 10 7 6 GL9tt08 (Yellow-green) 3 (Red) 8 (Yellow-green) 3 (Red) 8 B D F G C E A D.P. 5 4 2 1 9 10 7 6 GL8tt08 B D F G C E A D.P. 5 ˚ 8 ø1.7 8.12 Luminous intensity rank 2.54!4=10.16 12.2 4.85 0.5 5 4 3 2 1 109 6 7 8 D E F G A B C D.P. 1.3(for all segment width) (for all space) 0.3 9P156 Internal connection diagram Segment name F E G 5 9 1 10 4 2 GL8t156 C D D.P. E F G D.P. 4 6 2 10 9 1 5 6 7 7 GL9t156 B A A B C D 8 3 3 8 4.0 7.0 1.0 ˚ 0 1 1.0 ø1.2 4.8 9.6 3.2 5.6 Luminous intensity rank 1.35 7.62 0.25 (for all space) (for all segment width) D.P. B A F G E C D 1 2 3 4 5 6 7 8 9 10 Internal connection diagram Segment name & Pin No. F E G 7 2 4 3 8 5 GL8t040 C D D.P. E F G D.P. 8 9 5 3 2 4 7 9 10 10 GL9t040 B A A B C D 6 1 1 6 Luminous intensity rank 4.5 5.0 1.0 ˚ 0 1 4.0 Internal connection diagram 7.0 ±0.3 5.3 ø0.9 2.2 0.25-0 +0.15 D.P. 1 2 3 4 5 9 8 7 6 10 A D E C B F G 1.0(for all segment width) 0.3(for all space) Segment name & Pin No. E F G D.P. 8 10 5 3 2 4 1 6 GL9t030 A B C D 7 9 E F G D.P. 8 10 5 3 2 4 1 7 GL8t030 A B C D 6 9 Dig.2 8.12 2-ø1.7 Luminous intensity rank 6.35 ˚ 8 6.35 1.5 25.0 11.2 Dig.1 20.32 2.54 0.5 1.25 0.3(Space) 1.3(Segment width) Internal connection diagram Segment name & Pin No. 2.54!8= D1 F1 E1 G1 A1 B1 C1 E2 F2 B2 A2 G2 D2 C2 18 10 9 1 S GL7D220 D1 E1 F1 G1 . 15 16 3 18 1 2 17 4 GL7t220 D.P1 A1 B1 C1 14 Dig.1 D2 E2 F2 G2 10 11 8 12 5 6 7 9 D.P2 A2 B2 C2 13 Dig.2 D1 E1 F1 G1 . 15 16 3 18 1 2 17 4 GL6t220 D.P1 A1 B1 C1 14 Dig.1 D2 E2 F2 G2 10 11 8 12 5 6 7 9 D.P2 A2 B2 C2 13 Dig.2 1.0 4.0 7.0 2-ø1.6 ˚ 0 1 6.6 1.9 4.3 5.8 6.2 0.9 1.5 4.3 24.0 ±0.4 0.5 2.54!8=20.32 Internal connection diagram -0 +0.15 1.0(for all segment width) 0.3(for all space) Luminous intensity rank Segment name & Pin No. F1 E1 D1 B1 B2 F2 G1 D2 C1 G2 A1 A2 Dig 1 Dig 2 D.P.2 D.P.1 E2 C2 9 1 10 18 S GL7T201 D1 E1 F1 G1 3 15 2 17 18 1 GL7t201 16 A1 B1 C1 14 D2 E2 F2 G2 10 11 8 12 5 6 7 4 D.P1 9 D.P2 A2 B2 C2 13 D1 E1 F1 G1 15 16 3 18 1 2 17 GL6t201 A1 B1 C1 14 D2 E2 F2 G2 10 11 8 12 5 6 7 4 D.P1 9 D.P2 A2 B2 C2 13 7 9 11 8 10 12 GL9tt08 Series GL8tt08 Series GL9t156 Series GL8t156 Series GL9t040 Series GL8t040 Series GL9t030 Series GL8t030 Series GL7t220 Series GL6t220 Series GL7t201 Series GL6t201 Series |