Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX28331 Fiches technique(PDF) 61 Page - Synaptics Incorporated.

No de pièce CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Fiches technique(HTML) 61 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 57Page - Synaptics Incorporated. CX28331 Datasheet HTML 58Page - Synaptics Incorporated. CX28331 Datasheet HTML 59Page - Synaptics Incorporated. CX28331 Datasheet HTML 60Page - Synaptics Incorporated. CX28331 Datasheet HTML 61Page - Synaptics Incorporated. CX28331 Datasheet HTML 62Page - Synaptics Incorporated. CX28331 Datasheet HTML 63Page - Synaptics Incorporated. CX28331 Datasheet HTML 64Page - Synaptics Incorporated. CX28331 Datasheet HTML 65Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
100985A
Conexant
A-1
A
Appendix A
A.1 Applicable Standards
The applicable standards documents are as follows:
•
ANSI T1.102-1993 (DS3 and STS-1 standard)
•
ANSI T1.404a-1996 (DS3 metallic interface)
•
ITU Recommendation G.703 (DS3 and E3 standard)
•
ITU Recommendation G.823 and G.824 (jitter and wander)
•
Bellcore GR499, Issue 1, 12/89 (formerly TR-TSY-000499)
(DS3 and STS-1 requirements)
•
Bellcore GR253, Issue 2, 12/91 (formerly TA-NWT-000253)
(STS-1 requirements and jitter)
•
Bellcore TR-TSY-000191, Issue 1, 5/86 (AIS and LOS)
•
ETSI TBR24 and TBR25 (E3 terminal equipment interface)
•
ETSI ETS 300 686 and ETS 300 687 (E3 standard)
•
AT&T Technical Reference TR54014, May 1992 (Accunet Interface
Specification for DS-3 jitter only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68