Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX28331 Fiches technique(PDF) 37 Page - Synaptics Incorporated.

No de pièce CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Fiches technique(HTML) 37 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 33Page - Synaptics Incorporated. CX28331 Datasheet HTML 34Page - Synaptics Incorporated. CX28331 Datasheet HTML 35Page - Synaptics Incorporated. CX28331 Datasheet HTML 36Page - Synaptics Incorporated. CX28331 Datasheet HTML 37Page - Synaptics Incorporated. CX28331 Datasheet HTML 38Page - Synaptics Incorporated. CX28331 Datasheet HTML 39Page - Synaptics Incorporated. CX28331 Datasheet HTML 40Page - Synaptics Incorporated. CX28331 Datasheet HTML 41Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.2 Transmitter
100985A
Conexant
2-5
2.2.3.1 Transmit Pulse
Mask Templates
Figure 2-4. Transmit Pulse Mask for DS3 Rates
Transmit Pulse Mask for STS-1 Rates
1
0.5
0
0.5
1
1.5
Normalized Symbol Time
1.2
1
0.8
0.6
0.4
0.2
0
0.2
100985_014
Table 2-1. DS3 Transmit Template Specifications
Time Axis Range (UI)
Normalized Amplitude Equation
Upper Curve
–0.85
≤ T ≤ –0.68
0.03
–0.68
≤ T ≤ 0.36
0.03 + 0.5 {1 + sin [(pi / 2)(1 + T / 0.34)]}
0.36
≤ T ≤ 1.4
0.08 + 0.407 e –1.84(T – 0.36)
Lower Curve
–0.85
≤ T ≤ –0.36
–0.03
–0.36
≤ T ≤ 0.36
–0.03 + 0.5{1 + sin[(pi / 2)(1 + T / 0.18)]}
0.36
≤ T ≤ 1.4
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68