Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5522JSVDZ Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices AD5522JSVDZ Datasheet HTML 13Page - Analog Devices AD5522JSVDZ Datasheet HTML 14Page - Analog Devices AD5522JSVDZ Datasheet HTML 15Page - Analog Devices AD5522JSVDZ Datasheet HTML 16Page - Analog Devices AD5522JSVDZ Datasheet HTML 17Page - Analog Devices AD5522JSVDZ Datasheet HTML 18Page - Analog Devices AD5522JSVDZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 14 of 64
SCLK
SYNC
SDI
SDO
29
58
DB0
(N)
DB28
(N)
DB0
(N + 1)
DB0
(N + 1)
INPUT WORD SPECIFIES
REGISTER TO BE READ
UNDEFINED
NOP CONDITION
SELECTED REGISTER DATA
CLOCKED OUT
t18
t19
DB23/
DB28
(N + 1)
DB23/
DB28
(N + 1)
Figure 6. SPI Read Timing (Readback Word Contains 24 Bits and Can Be Clocked Out with a Minimum of 24 Clock Edges)
SYNC
SYNC
SCLK
SDI
SDI
SCLK
MSB
D28
LSB
D0
t3
t1
t4
t2
t7
t6
t5
t8
SDO
LSB
D0
MSB
D23/D28
SELECTED REGISTER DATA CLOCKED OUT
UNDEFINED
MSB
DB23/
DB28
LSB
DB0
SDO
Figure 7. LVDS Read and Write Timing (Readback Word Contains 24 Bits and Can Be Clocked Out with a Minimum of 24 Clock Edges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65