Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5522JSVDZ Fiches technique(PDF) 58 Page - Analog Devices

No de pièce AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Fiches technique(HTML) 58 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 54Page - Analog Devices AD5522JSVDZ Datasheet HTML 55Page - Analog Devices AD5522JSVDZ Datasheet HTML 56Page - Analog Devices AD5522JSVDZ Datasheet HTML 57Page - Analog Devices AD5522JSVDZ Datasheet HTML 58Page - Analog Devices AD5522JSVDZ Datasheet HTML 59Page - Analog Devices AD5522JSVDZ Datasheet HTML 60Page - Analog Devices AD5522JSVDZ Datasheet HTML 61Page - Analog Devices AD5522JSVDZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 57 of 64
READBACK OF DAC REGISTER
The DAC register readback function is a 24-bit word that includes the mode, address, and DAC data bits.
Table 35. DAC Register Readback
Bit
Bit Name
Description
23 (MSB)
MODE1
The MODE1 and MODE0 bits indicate the type of DAC register (X1, M, or C) that is read.
01 = DAC gain (M) register.
10 = DAC offset (C) register.
11 = DAC input data (X1) register.
22
MODE0
DAC Register-Specific Bits
21 to 16
A5 to A0
Address bits indicating the DAC register that is read (see Table 29).
15 to 0 (LSB)
D15 to D0
Contents of the addressed DAC register (X1, M, or C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65