| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFR3518 Fiches technique(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFR3518 Fiches technique(HTML) 9 Page - International Rectifier |
|
9 / 10 page ![]() www.irf.com 9 IRFR3518/IRFU3518 I-Pak (TO-251AA) Package Outline Dimensions are shown in millimeters (inches) I-Pak (TO-251AA) Part Marking Information 6.73 (.265) 6.35 (.250) - A - 6.22 (.245) 5.97 (.235) - B - 3X 0.89 (.035) 0.64 (.025) 0.25 (.010) M A M B 2.28 (.090) 1.14 (.045) 0.76 (.030) 5.46 (.215) 5.21 (.205) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018) LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH. 3 CONFORMS TO JEDEC OUTLINE TO-252AA. 4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP, SOLDER DIP MAX. +0.16 (.006). 9.65 (.380) 8.89 (.350) 2X 3X 2.28 (.090) 1.91 (.075) 1.52 (.060) 1.15 (.045) 4 1 2 3 6.45 (.245) 5.68 (.224) 0.58 (.023) 0.46 (.018) |