| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFR3518 Fiches technique(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFR3518 Fiches technique(HTML) 8 Page - International Rectifier |
|
8 / 10 page ![]() 8 www.irf.com IRFR3518/IRFU3518 D-Pak (TO-252AA) Package Outline Dimensions are shown in millimeters (inches) D-Pak (TO-252AA) Part Marking Information 6.73 (.265) 6.35 (.250) - A - 4 1 2 3 6.22 (.245) 5.97 (.235) - B - 3X 0.89 (.035) 0.64 (.025) 0.25 (.010) M A M B 4.57 (.180) 2.28 (.090) 2X 1.14 (.045) 0.76 (.030) 1.52 (.060) 1.15 (.045) 1.02 (.040) 1.64 (.025) 5.46 (.215) 5.21 (.205) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018) 6.45 (.245) 5.68 (.224) 0.51 (.020) MIN. 0.58 (.023) 0.46 (.018) LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN 10.42 (.410) 9.40 (.370) NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH. 3 CONFORMS TO JEDEC OUTLINE TO-252AA. 4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP, SOLDER DIP MAX. +0.16 (.006). |