Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9220 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 23Page - Microchip Technology LAN9220 Datasheet HTML 24Page - Microchip Technology LAN9220 Datasheet HTML 25Page - Microchip Technology LAN9220 Datasheet HTML 26Page - Microchip Technology LAN9220 Datasheet HTML 27Page - Microchip Technology LAN9220 Datasheet HTML 28Page - Microchip Technology LAN9220 Datasheet HTML 29Page - Microchip Technology LAN9220 Datasheet HTML 30Page - Microchip Technology LAN9220 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 27
LAN9220
Data path operations for the various supported endianess and word swap configurations are illustrated in Figure 3-9.
Table 3-8, "Endian Ordering Logic Operation" illustrates the byte ordering applied by the endian logic for each type of
host access. This figure and table assume an internal byte ordering of 3-2-1-0, where ‘3’ is the most significant byte
(data[31:24]) and ‘0’ is the least significant byte (data[7:0]).
FIGURE 3-8:
LAN9220 HOST DATA PATH DIAGRAM
"W ORD S W AP"
Logic
FIFO Port Endian O rdering
Logic
RX /TX Data FIFO Port
A ccess (addresses 00h to
3C h)
D irect FIFO A ccess E ndian
O rdering Logic
RX/TX Data FIFO Direct
A ccess
(FIFO _SE L = 1)
CSRs and S tatus FIFO s
FPO R TEN D
(H W _C FG [29])
FSELEN D
(H W _C FG [28])
D[15:0]
(H ost D ata B us)
W O RD_S W AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More