| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP432P411VIPZ Fiches technique(PDF) 129 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ Fiches technique(HTML) 129 Page - Texas Instruments |
|
129 / 212 page ![]() 129 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) This source can also be mapped to the system NMI. See the MSP432P4xx SimpleLink™ Microcontrollers Technical Reference Manual for more details. (2) The FPU of the Cortex-M4 can generate interrupts due to multiple floating-point exceptions. It is the responsibility of software to process and clear the interrupt flags in the FPSCR. 6.7.1 NMI The NMI input of the NVIC has the following possible sources: • External NMI pin (if configured in NMI mode) • Oscillator fault condition • Power Supply System (PSS) generated interrupts • Power Control Manager (PCM) generated interrupts 6.7.2 Device-Level User Interrupts Table 6-40 lists the various interrupt sources and their connection to the NVIC inputs. NOTE Some sources may have multiple interrupt conditions, in which case the appropriate interrupt status/flag register of the source must be examined to differentiate between the generating conditions. Table 6-40. NVIC Interrupts NVIC INTERRUPT INPUT SOURCE FLAGS IN SOURCE INTISR[0] PSS (1) INTISR[1] CS (1) INTISR[2] PCM (1) INTISR[3] WDT_A INTISR[4] FPU_INT (2) Combined interrupt from flags in the FPSCR (part of Cortex-M4 FPU) INTISR[5] FLCTL_A FLCTL_A interrupt flags INTISR[6] COMP_E0 Comparator_E0 interrupt flags INTISR[7] COMP_E1 Comparator_E1 interrupt flags INTISR[8] Timer_A0 TA0CCTL0.CCIFG INTISR[9] Timer_A0 TA0CCTLx.CCIFG (x = 1 to 4), TA0CTL.TAIFG INTISR[10] Timer_A1 TA1CCTL0.CCIFG INTISR[11] Timer_A1 TA1CCTLx.CCIFG (x = 1 to 4), TA1CTL.TAIFG INTISR[12] Timer_A2 TA2CCTL0.CCIFG INTISR[13] Timer_A2 TA2CCTLx.CCIFG (x = 1 to 4), TA2CTL.TAIFG INTISR[14] Timer_A3 TA3CCTL0.CCIFG INTISR[15] Timer_A3 TA3CCTLx.CCIFG (x = 1 to 4), TA3CTL.TAIFG INTISR[16] eUSCI_A0 UART or SPI mode TX, RX, and status flags INTISR[17] eUSCI_A1 UART or SPI mode TX, RX, and status flags INTISR[18] eUSCI_A2 UART or SPI mode TX, RX, and status flags INTISR[19] eUSCI_A3 UART or SPI mode TX, RX, and status flags INTISR[20] eUSCI_B0 SPI or I2C mode TX, RX, and status flags (I2C in multiple-slave mode) INTISR[21] eUSCI_B1 SPI or I2C mode TX, RX, and status flags (I2C in multiple-slave mode) INTISR[22] eUSCI_B2 SPI or I2C mode TX, RX, and status flags (I2C in multiple-slave mode) INTISR[23] eUSCI_B3 SPI or I2C mode TX, RX, and status flags (I2C in multiple-slave mode) INTISR[24] Precision ADC IFG[0-31], LOIFG, INIFG, HIIFG, RDYIFG, OVIFG, TOVIFG INTISR[25] Timer32_INT1 Timer32 interrupt for Timer 1 INTISR[26] Timer32_INT2 Timer32 interrupt for Timer 2 INTISR[27] Timer32_INTC Timer32 combined interrupt |