| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP432P411VIPZ Fiches technique(PDF) 119 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ Fiches technique(HTML) 119 Page - Texas Instruments |
|
119 / 212 page ![]() 119 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated 6.3.3.2 Peripheral Bit Band Alias Region The 32-MB region from 0x4200_0000 to 0x43FF_FFFF forms the bit-band alias region for the 1MB Peripheral region. Bit-banding is a feature of the Cortex-M4 processor and allows the application to set/clear individual bits throughout the peripheral memory space without using the pipeline bandwidth of the processor to carry out an exclusive read-modify-write sequence. NOTE The restriction of accessing 16-bit peripherals only through byte or half-word accesses also applies to the corresponding bit-band region of these peripherals. In other words, writes to the bit-band alias region for these peripherals must be in the form of byte or half-word accesses only. |