| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP432P411VIPZ Fiches technique(PDF) 165 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ Fiches technique(HTML) 165 Page - Texas Instruments |
|
165 / 212 page ![]() 165 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Setting P4SEL1.x and P4SEL0.x disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying analog signals. Table 6-72. Port P4 (P4.2 to P4.7) Pin Functions PIN NAME (P4.x) x FUNCTION CONTROL BITS OR SIGNALS (1) P4DIR.x P4SEL1.x P4SEL0.x P4.2/ACLK/TA2CLK/A11 2 P4.2 (I/O) I: 0; O: 1 0 0 N/A 0 0 1 ACLK 1 TA2CLK 0 1 0 DVSS 1 A11 (2) X 1 1 P4.3/MCLK/RTCCLK/A10 3 P4.3 (I/O) I: 0; O: 1 0 0 N/A 0 0 1 MCLK 1 N/A 0 1 0 RTCCLK 1 A10 (2) X 1 1 P4.4/HSMCLK/SVMHOUT/ A9 4 P4.4 (I/O) I: 0; O: 1 0 0 N/A 0 0 1 HSMCLK 1 N/A 0 1 0 SVMHOUT 1 A9 (2) X 1 1 P4.5/A8 5 P4.5 (I/O) I: 0; O: 1 0 0 N/A 0 0 1 DVSS 1 N/A 0 1 0 DVSS 1 A8 (2) X 1 1 P4.6/A7 6 P4.6 (I/O) I: 0; O: 1 0 0 N/A 0 0 1 DVSS 1 N/A 0 1 0 DVSS 1 A7 (2) X 1 1 P4.7/A6 7 P4.7 (I/O) I: 0; O: 1 0 0 N/A 0 0 1 DVSS 1 N/A 0 1 0 DVSS 1 A6 (2) X 1 1 |