Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CL88020 Fiches technique(PDF) 41 Page - Microchip Technology

No de pièce CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Fiches technique(HTML) 41 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 37Page - Microchip Technology CL88020 Datasheet HTML 38Page - Microchip Technology CL88020 Datasheet HTML 39Page - Microchip Technology CL88020 Datasheet HTML 40Page - Microchip Technology CL88020 Datasheet HTML 41Page - Microchip Technology CL88020 Datasheet HTML 42Page - Microchip Technology CL88020 Datasheet HTML 43Page - Microchip Technology CL88020 Datasheet HTML 44Page - Microchip Technology CL88020 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
 2017 Microchip Technology Inc.
DS50002611A-page 41
C.2
BOARD SET TYPICAL MEASUREMENTS
FIGURE C-16:
Input Power vs. Input Line Voltage.
FIGURE C-17:
Input Power vs. Input Line Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
7.0
8.0
9.0
10.0
11.0
12.0
13.0
95
100
105
110
115
120
125
130
135
140
145
Input Voltage (V RMS)
7.0
8.0
9.0
10.0
11.0
12.0
13.0
95
100
105
110
115
120
125
130
135
140
145
Input Voltage (V RMS)
Input Power
Input Power with RRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47